Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 29 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 29 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 25Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 29Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
29 of 62
4.1.2.
Input Impedance (AS-i bus load)
Table 13: AS-i Bus Load Properties
Symbol
Parameter
Min
Max
Unit
Note
RIN1
Equivalent resistor of the IC
13,5
k
1,2
LIN1
Equivalent inductor of the IC
13,5
mH
1,2
CIN1
Equivalent capacitor of the IC
30
pF
1,2
RIN2
Equivalent resistor of the IC
13,5
k
1,2
LIN2
Equivalent inductor of the IC
12
13,5
mH
1,2
CIN2
Equivalent capacitor of the IC
15 + (L-12mH)*10pF/mH
pF
1,2
CZener
Parasitic capacitance of the external
over-voltage protection diode (Zener
diode)
20
pF
1
1 The equivalent circuit of a slave, which is calculated from the impedance of the IC and the paralleled external
over-voltage protection diode (Zener diode), has to satisfy the requirements of the AS-i Complete
Specification for Extended Address Mode slaves.
2 Subtracting the maximum parasitic capacitance of the external over voltage protection diode (20pF) either
the triple RIN1, LIN1 and CIN1 or the triple RIN2, LIN2 and CIN2 has to be reached by the IC to fulfill the AS-i
Complete Specification.
Table 14: CDC pin parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
VCDC_IN
Input voltage range
-0.3
VU5R
V
CCDC
External decoupling capacitor
100
nF
Note: A decoupling capacitor defines internal low-pass filter time constant; lower values decrease the
impedance but improve the turn-on time. Higher values do not improve the impedance but do increase
the turn-on time. The turn-on time also depends on the load capacitor at UOUT. After connecting the
slave to the power the capacitor is charged with the maximum current IUOUT. The impedance will
increase when the voltage allows the analog circuitry to fully operate.
4.2.
Thermal Protection
The IC continuously observes its silicon die temperature. If the temperature rises above around 140°C for
more than 2 seconds the IC will cut off the UOUT output from the internal voltage reference. Thus the current
consumption of the IC will drop down to its operating current (refer to Table 2). In order to prevent an
undesired drawing of transmit current the transmitter is also disabled in case the over temperature cut off
condition is true.
After over temperature cut off, the output voltage at UOUT will be restored and the IC performs an initialization
if the die temperature has cooled down by 10 … 20°C with an additional time delay of 1s.
Table 15: Cut Off Temperature
Symbol Parameter
Min
Max
Unit
Note
TCutOff
Chip temperature for over temperature cut off
125
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com