Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 31 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 31 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 29Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
31 of 62
4.5. AS-i Receiver
The receiver detects (telegram) signals at the AS-i line, converts them to digital pulses and forwards them to
the UART for further processing. The receiver is internally connected between the LTGP and LTGN pins.
Functional, the receiver removes the DC value of the input signal, band-pass filters the AC signal and extracts
the digital output signals from the sin
2-shaped input pulses by a set of comparators. The amplitude of the first
pulse determines the threshold level for all following pulses. This amplitude is digitally filtered to guarantee
stable conditions and to suppress burst spikes. This approach combines a fast adaptation to changing signal
amplitudes with a high detection safety. The comparators are reset after every detection of a telegram pause
at the AS-i line.
When the receiver is turned on, the transmitter is turned off to reduce the power consumption.
Table 18: Receiver Parameters
Symbol
Parameter
Min
Max
Unit
Note
VSIG
AC signal peak-peak amplitude (between LTGP and LTGN)
3
8
V
VLSIGon
Receiver comparator threshold level (refer to Figure 5)
45
55
%
Related to
amplitude of
1st pulse
First negative
pulse of the
AS-i telegram
VLSIGon
VLSIGon = (0.45 ... 0.55) * VSIG / 2
DC level
VSIG / 2
The IC determines the
amplitude of the first
negative pulse of the
AS-i telegram. This
amplitude is asserted
to be VSIG / 2.
Figure 5: Receiver comparator threshold set-up in principle
4.6. AS-i Transmitter
The transmitter draws a modulated current between LTGP and LTGN to generate the communication signals.
The shape of the current corresponds to the integral of a sin
2-function. The transmitter comprises a current
DAC and a high current driver. The driver requires a small bias current to flow. The bias current is ramped up
slowly a certain time before the transmission starts so that any false voltage pulses on the AS-i line are
avoided.
When the transmitter is turned on, the receiver is turned off to reduce the power consumption. The SAP5
comprises a Clock Watchdog that becomes activated once the clock signal is stopped for about 100µs …
150µs. Thus, the transmitter is prevented from being permanently switched on in case the clock signal is
missing.
Table 19: Transmitter Current Amplitude
Symbol
Parameter
Min
Max
Unit
Note
ISIG
Modulated transmitter peak current swing (between LTGP and
LTGN)
55
68
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com