Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 53 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 53 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 49Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 50Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 51Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 52Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 53Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 55Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 56Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 57Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
53 of 62
4.19.3. Functional Description
In Master/Repeater Mode the SAP5 provides a simple physical-layer interface function between the AS-I line
and an external binary channel.
The signal RX_DAT represents the Manchester-II-coded, re-synchronized equivalent of the telegram signal
received at the AS-i input channel. Polarity of that bitstream depends on the programmed operation mode
according to Table 37.
Table 37: Functional Distinctions of SAP5 Master- and Repeater Mode
Modulation of signal
RX_DAT in case of ASI
Power Fail
Loopback Mode
Polarity of signal RX_DAT
Master Mode 1
ON
ON
active HIGH
Master Mode 2
OFF
ON
active HIGH
Repeater Mode
OFF
OFF
active LOW
Every received AS-i telegram is checked for consistency with the protocol specifications and timing jitters
become removed as long as they stay within the specified limits. In case a telegram error is detected, the
output signal becomes inactive for a time period defined by tBREAK (refer to Table 39).
The signal TX_DAT is directly forwarded to the AS-i line transmitter avoiding any additional logic delays.
In case the Loopback Mode is not active, the AS-i receiver gets disabled as long as the SAP5 is transmitting
an AS-i signal. Otherwise, the transmitted signal is read back in parallel and provided at the RX_DAT output
for checkup purposes.
The Loopback time tLOOPBACK is mainly defined by the analog signal processing within the Receiver and the
Transmitter. However, an additional delay of up to 1875ns may be inserted if necessary. Therefore, the
ID_Code_Extension_2 EEPROM register has to be programmed as described below.
NOTE: The ID_Code_Extension_2 has to be programmed before programming of the Master_Mode flag.
Once the Master_Mode flag is set to logic HIGH, the slave functionality of the SAP5 is no longer available,
preventing any write access to the E²PROM by use of AS-i master requests as described on page 25.
Table 38: Programmable Variation of the Loopback time
ID_Code_Extension_2
(ID2_Bit3 … ID2_Bit0)
t
loopback
Unit
0000
0
0001
+125
0010
+250
0011
+375
0100
+500
0101
+625
0110
+750
0111
+875
1000
+1000
1001
+1125
1010
+1250
1011
+1375
1100
+1500
1101
+1625
1110
+1750
1111
+1875
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com