Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 32 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 32 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 29Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
32 of 62
4.7. Parameter Port and PSTBn
The parameter port is always configured for continuous bi-directional operation. However, once IO_Code=0x7
(see Table 25), the parameter ports will return to high impedance state right after a WPAR request because
they act as data input ports or safety data ports for a following DEXG master call.
Every pin contains an NMOS open drain output driver plus a high voltage high impedance digital input stage.
Received parameter output data is stored at the Parameter Output Register and subsequently forwarded to
the open drain output drivers. A certain time (tPI-latch) after new output data has arrived at the port, the
corresponding inputs are sampled. Due to the open drain character of the output driver, the input value results
from a wired AND combination of the parameter output value and such signals driven to the port by external
sources.
The availability of new parameter output data is signaled by the Parameter Strobe (PSTBn) signal as shown in
Figure 6.
Besides the basic I/O function, the first parameter output event after an IC reset has an additional meaning. It
enables the data exchange functionality.
Any IC reset turns the Parameter Output Register to 0xF and forces the parameter output drivers to high
impedance state. Simultaneously, a Parameter Strobe is generated, having the same tsetup timing and tPSTBn
pulse width, as new output data would be driven.
Table 20: Timing Parameter Port
Symbol Parameter
Min
Max
Unit
Note
tSTB
Output data is valid after PSTBn HIGH-LOW edge
0.0
1.5
µs
tPSTBn
Pulse width of Parameter Strobe (PSTBn)
6.0
6.8
µs
1
tPI-latch
Acceptance of input data
10.5
12.5
µs
2
tP-off
Parameter Port is at high impedance state after PSTBn HIGH-
LOW edge
56.0
64.5
µs
3
1 The timing of the resulting voltage signal also depends on the external pull up resistor.
2 The parameter input data must be stable within the period defined by min. and max. values of t
PI-latch.
3 concerns the IO configuration “7” only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com