Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 11 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 11 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
11 of 62
1.5. Failure Rate
Symbol
Parameter
Max.
Unit
AQL
Acceptance Quality Level
0.1
%
F55
Failure Rate at 55°C
18
FIT
F70
Failure Rate at 70°C
60
FIT
F85
Failure Rate at 85°C
150
FIT
F125
Failure Rate at 125°C
1400
FIT
1.6. Humidity Class
Level 3 according to JEDEC-020D is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com