Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 54 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-A-G1-R Datasheet(HTML) 54 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-A-G1-R Datasheet HTML 50Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 51Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 52Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 53Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 55Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 56Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 57Page - Zentrum Mikroelektronik Dresden AG SAP5SD-A-G1-R Datasheet HTML 58Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
54 of 62
In Master/Repeater Mode the SAP5 provides an AS-i power-fail detector. It consists of a comparator directly
connected to the LTGP pin which generates a logic signal in case the voltage at the LTGP pin drops below
VAPF (refer to Table 39). A subsequent digital signal processing of the comparator output signal is performed
as follows:
An anti-bouncing filter removes each signal states shorter than 6
s. This is to eliminate the influence
of AS-i telegrams which are added onto the AS-i DC voltage.
An additional anti-bouncing filter with different filter times for activation and deactivation of the power-
fail signal removes short power-fail pulses.
The AS-i power-fail signal is provided directly active HIGH as signal APF.
Additionally, in Master Mode, the AS-i power-fail signal modulates the RX_DAT signal, whereas the
active state is signaled by logic HIGH level.
Table 39: Master/Repeater Mode Parameter
Symbol
Parameter
Min Max Unit
Note
tloopback
Loopback time in Master Mode
4.9
6.5
s
1
VAPF
AS-i Power Fail voltage threshold
21.
5
23.
5
V
tAPF_RX_DAT
minimum activation time for signaling of AS-i Power
Fail by use of the RX_DAT signal
640
704
s
2
tAPF_ON_RX_DAT
release time of the AS-i Power Fail state within the
RX_DAT signal
64
s
2
tAPF_APF
minimum activation time for signaling of AS-i Power
Fail by use of the APF signal
704
768
s
2
tHOLD_APF
AS-i Power Fail hold time
64
s
tAPF_OFF
delay time after return of the AS-i Power
64
128
s
tBREAK
break time in case of an erroneous AS-i signal
9
15
s
1 Loopback time is the time difference between an edge in the MAN code of signal TX_DAT and the
corresponding edge in the Manchester-code of the signal RX_DAT. The voltage trigger level for measurement
of the edge time is defined by VU5R/2. The actual loopback time may be adjusted by programming the
ID_Code_Extension_2 EEPROM register as described in Table 38.
2 In Master Mode, the AS-i Power Fail state is already signaled by the RX_DAT signal as soon as the power
fail condition is true for a time more than tAPF_RX_DAT. However, in order to start the APF minimum hold state
(tHOLD_APF), the power fail condition must remain true for another time period defined by tAPF_ON_RX_DAT.
Otherwise, the RX_DAT signal returns to its idle state (logic LOW) immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com