Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 28 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 28 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 24Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 25Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 29Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
28 of 62
4
Detailed Functional Description
4.1. Power Supply
The power supply block provides a sensor supply, which is inductively decoupled from the AS-i bus voltage, at
pin UOUT. The decoupling is realized by an Electronic Inductor circuit, which basically consists of a current
source and a controlling low pass. The time constant of the low pass that has influence to the resulting input
impedance at pin UIN, can be adjusted by an external capacitor at pin CDC.
A second function of the power supply block is to generate a regulated 5V supply for operation of the internal
logic and some analog circuitry. The voltage is provided at pin U5R an can be used to supply external circuitry
as well, as long as the current requirements stay within in the specified limits (Table 2 at page 10). Because
the 5V supply is generated out of the decoupled sensor supply at UOUT, the current drawn at U5R has to be
subtracted from the total available load current at UOUT.
The power supply dissipates the major amount of power:
Ptot = VDrop* (IUOUT + I5V) + (VUOUT-5V) * I5V
In total, the power dissipation shall not exceed the specified values of chapter 1.1.
To cope with fast internal and external load changes (spikes) external capacitors at UOUT and U5R are
required. The LTGN pin defines the ground reference voltage for both UOUT and U5R.
4.1.1.
Voltage Output Pins UOUT and U5R
Table 12: Properties of voltage output pins UOUT and U5R
Symbol Parameter
Min
Max
Unit
Note
VUIN
Positive supply voltage for IC
operation
16
34
V
1
VDROP
Voltage drop from pin LTGP to pin
UOUT
5.2
7.8
V
VUIN > 22V
2
VUOUT
UOUT output supply voltage
VUIN- VDROPmax
VUIN- VDROPmin
V
IUOUTmax
VUOUTp
UOUT output voltage pulse deviation
1.5
V
3
tUOUTp
UOUT output voltage pulse deviation
width
2
ms
3
VU5R
5V supply voltage
4.75
5.25
V
IUOUT
UOUT output supply current
0
55
mA
IU5R = 0
Uin>24V
I5V
U5R output supply current
0
4
mA
Io
Total output current IUOUT + I5V
60
mA
CBUOUT
Blocking capacitance at UOUT
10
470
µF
CB5V
Blocking capacitance at U5R
100
nF
1 Parameter copied from Table 2 at page 10
2 The actual voltage drop increases with increasing load current at Uout
3 C
UOUT = 10µF, output current switches from 0 to IUOUTmax and vice versa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com