Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 50 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 50 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 46Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 47Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 48Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 49Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 50Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 51Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 52Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 53Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
50 of 62
Offset
D0/D2 low level
D0/D2 high level
VOFL Min (0.0V)
VOFL Max (1.0V)
VOFH = VIL2 Min (1.6V)
VOFH = VIL2 Max (2.5V)
VIH Min (3.5V)
VUOUT
Figure 12: Data Input Voltage Constraints in Safety Mode
As soon as the F-D0* input pad detects an offset level less than VOFL(Max) the SAP5 resets the data input for
D1 (F-D1*), signalling an OPEN state at the safety switch connected to D0*. The input data for D3 (F-D3*) will
be reset if the F-D2* detects an offset level less than VOFL(Max), respectively.
Provided that the offset levels are not missing, the E
2PROM bits D1* and D3* are transmitted as data bits D1
and D3 if swap_flag = ‘0’, otherwise they are swapped.
In order to avoid desynchronization with the safety monitor in case the AS-i master repeats a DEXG call, the
SAP5 will not update the data code word for 224
s (+16s) after a DEXG call had been processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com