Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 40 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 40 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 41Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 44Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
40 of 62
Table 26: Data and Parameter Port Configuration in Safety Mode
Package
Version
IO_Code
D0
D1
D2
D3
P0
P1
P2
P3
1
16 Pin
0…6,
8…F
F-D0*
IN
D0*
OUT
F-D2*
IN
D2*
OUT
don’t
care
don’t
care
don’t
care
don’t
care
16 Pin
7
1
don’t
care
don’t
care
don’t
care
don’t
care
don’t
care
don’t
care
don’t
care
don’t
care
20 Pin
0…6,
8…F
F-D0*
IN
D0*
OUT
F-D2*
IN
D2*
OUT
P0
OUT
P1
OUT
P2
OUT
P3
OUT
20 Pin
7
2
D0
OUT
D1
OUT
D2
OUT
D3
OUT
F-D0* IN
P0 OUT
D0* OUT
P1 OUT
F-D2* IN
P2 OUT
D2* OUT
P3 OUT
1 IO_Code = 0x7 is not allowed for the SAP5 16 Pin version.
2 Parameter Ports are parameter outputs during WPAR master calls and after DEXG master calls. They are in
high impedance state after WPAR master calls and act as input when a DEXG master calls is performed.
4.10. Fault Indication Input PFAULT
The fault indication input PFAULT is provided for sensing a periphery fault-messaging signal. It contains a
high voltage high impedance input stage that sets the status bit S1 of the AS-i Slave to ‘1’ if it detects a LOW
level at the PFAULT pin. DC properties of the pin are specified at Table 16.
Signal transitions at the PFAULT pin become visible in S1 with a slight delay, because a clock synchronizing
circuit is located in between.
4.11. LED outputs
4.11.1. Slave Mode
The SAP5 provides two LED pins for enhanced status indication. LED1 and LED2 both comprise NMOS open
drain output drivers. In addition, LED2 contains a high voltage high impedance input stage for purposes of the
IC production test.
In order to comply with the signaling schemes defined in the AS-i Complete Specification a red LED shall be
connected to LED2 and a green LED shall be connected to LED1.
Following status indication is supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com