Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 35 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 35 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
35 of 62
The filter output of each data port is preset to “0” after reset or as long as the Data_Exchange_Disable flag is
set, respectively.
Input
Signal
Filter
Output
Sampling Point
Figure 8: Principle of Delay Mode input filtering (exemplary for Slave with Address 1)
> 256 µs (-6.25%)
DEXCHG Addr 1
DEXCHG Addr1
DEXCHG Addr 1
Slave
Slave
Slave
Activation of Delay Mode depends on the E²PROM flags Delay_Mode and P1_Delay_Activation and the value
of the Parameter Port P1 Output Register as shown in Table 22. Delay Mode cannot be activated when Safety
Mode is enabled.
Note: The input signal at Parameter Port P1 does not influence activation of Input Delay Mode at all. Only the
master can change the activation status by sending a corresponding Write_Parameter (WPAR) request.
Table 22: Activation of Delay Mode
Delay_Mode
P1_Delay_Activation
Parameter P1 Output Register
Delay Mode
0
X
X
OFF
1
0
X
ON
1
1
1
OFF
1
1
0
ON
4.8.3.
Synchronous Data I/O Mode
Since the slaves in an AS-i network are called successively by the master, the data input and output
operations of different slaves are not synchronized normally. If there is, however, an application that requests
accurate synchronized data I/O timing, the respective slaves may be operated in the Synchronous Mode.
Concerning the communication with the master, slaves running in the Synchronous Mode behave like regular
slaves. However, the input data sampling as well as the output data driving is determined by the polling cycle
of the respective AS-i network as described below.
Activation of the SAP5 Synchronous Mode is related to the E²PROM flags Synchronous_Data_IO and
P2_Sync_Activation (refer to Table 9) and the value of the Parameter Port P2 Output Register as follows:
NOTE: The input signal at Parameter Port P2 does not influence activation of Synchronous Data I/O Mode
at all. Only the master can change the activation status by sending a corresponding Write_Parameter
(WPAR) request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com