Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 57 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 57 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 53Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 55Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 56Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 57Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 58Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 59Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 60Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 61Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
57 of 62
Application Circuits
The
following
figures
show
typical
application cases of the SAP5. Please
note that these schematics show only
principle circuit drafts. For more detailed
application information see the separate
SAP5 Application Notes document.
Figure 14 outlines a standard slave
application circuit compliant to the first
AS-i IC.
Figure 15 shows an Safety Mode
application circuit.
A Master Mode application is shown in
Figure 16.
CDC
LTGP
OSC1
OSC2
U5R
LTGN
UOUT
P3
P2
P1
P0
D3
D2
D1
D0
PSTBn
DSTBn
PFAULT
LED1
LED2
green
red
ASI+
ASI-
P3
P2
P1
P0
PSTBn
D3
D2
D1
D0
DSTBn
PFAULT
24V
0V
100n
100n
10
Figure 14: Standard Application circuit, direction of Data I/O depends on IO_Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com