Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 36 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-B-G1-R Datasheet(HTML) 36 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-B-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP51D-B-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
36 of 62
Table 23: Activation of Synchronous Mode
Synchronous_Data_IO
P2_Sync_Activation
Parameter P2 Ouput Register
Synchronous Mode
0
X
X
OFF
1
0
X
ON
1
1
1
OFF
1
1
0
ON
NOTE: The Synchronous Mode is not available if Safety Mode is enabled.
With activated Synchronous Mode, input data sampling as well as output data driving events are moved to
different times synchronized to the polling cycle of the AS-i network. Nevertheless, the communication
principles between master and slave remain unchanged compared to regular operation. Following rules apply:
Data I/O is triggered by the DEXG call to slave with the lowest slave address in the network. Based on
the fact, that a master is calling slaves successively with rising slave addresses, the SAP5 considers
the trigger condition true, if the slave address of a received DEXG call is less than the slave address
of the previous (correctly received) DEXG call.
Data I/O is only triggered, if the slave has (correctly) received data during the last cycle. If the slave
did not receive data (i.e. due to a communication error) the Data Outputs are not changed and no
Data Strobe is generated (arm+fire principle). The inputs however, are always sampled at the trigger
event.
If the slave with the lowest address in the network is operated in the Synchronous Mode, it
postpones the output event for the received data for a full AS-i cycle. This is to keep all output data of
a particular cycle image together.
Note: To make this feature useful, the master shall generate a data output cycle image once before
the start of every AS-i cycle. The image is derived from the input data of the previous cycle(s) and
other control events. Once an AS-i cycle has started, the image shall not change anymore. If A- and
B- slaves are installed in parallel at one address, the master shall address all A-Slaves in one cycle
and all B-Slaves in the other cycle.
The input data, sampled at the slave with the lowest slave address in the network, is sent back to the
master without any delay. Thus, the input data cycle image is fully captured at the end of an AS-i
cycle, just as in networks without any Synchronous Mode slaves. In other words, the input data
sampling point has simply moved to the beginning of the AS-i cycle for all Synchronous Mode slaves.
If the Synchronous Data IO Mode is enabled through EEPROM setting (Synchronous_Data_IO = ‘1’,
P2_Sync_Activation = ‘0’), the first DEXG call that is received by a particular slave after the activation
of the Data Port (Data_Exchange_Disable flag was cleared by a WPAR call) is processed like in
regular operation. This is to capture decent input data for the first slave response and to activate the
outputs as fast as possible.
The Data I/O operation is repeated together with the I/O cycle of the other Synchronous Mode slaves
in the network at the common trigger event. By that, the particular slave has fully reached the
Synchronous Mode.
If the P2_Sync_Activation flag is set to ‘1’ the Synchronous Data IO Mode can be activated or
deactivated during normal operation by sending Write_Parameter calls containing the appropriate
value in P2 (see Table 23).
If the P2 output register changes from ‘1’ to ‘0’ the Synchronous Data IO Mode gets enabled in the
first instance. Real synchronous data I/O operation is reached after reception of the next DEXG call
addressing the slave and the occurrence of the common trigger event. As in standard operation
(Synchronous Data IO Mode is activated by EEPROM setting) the first DEXG still processes a data IO
operation immediately. This is to capture decent input data for the slave response and to activate the
outputs as fast as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com