Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 5 Page - Analog Devices

  AD9744ARURL7 Datasheet HTML 1Page - Analog Devices AD9744ARURL7 Datasheet HTML 2Page - Analog Devices AD9744ARURL7 Datasheet HTML 3Page - Analog Devices AD9744ARURL7 Datasheet HTML 4Page - Analog Devices AD9744ARURL7 Datasheet HTML 5Page - Analog Devices AD9744ARURL7 Datasheet HTML 6Page - Analog Devices AD9744ARURL7 Datasheet HTML 7Page - Analog Devices AD9744ARURL7 Datasheet HTML 8Page - Analog Devices AD9744ARURL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9744
Rev. B | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Multitone Power Ratio (8 Tones at 400 kHz Spacing)
fCLOCK = 78 MSPS; fOUT = 15.0 MHz to 18.2 MHz
0 dBFS Output
66
dBc
−6 dBFS Output
68
dBc
−12 dBFS Output
62
dBc
−18 dBFS Output
61
dBc
1 Measured single-ended into 50 Ω load.
2 Output noise is measured with a full-scale output set to 20 mA with no conversion activity. It is a measure of the thermal noise only.
3 Noise spectral density is the average noise power normalized to a 1 Hz bandwidth, with the DAC converting and producing an output tone.
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS1
Logic 1 Voltage
2.1
3
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
−10
+10
µA
Logic 0 Current
−10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulse Width (tLPW)
1.5
ns
CLK INPUTS2
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
1 Includes CLOCK pin on SOIC/TSSOP packages and CLK+ pin on LFCSP package in single-ended clock input mode.
2 Applicable to CLK+ and CLK– inputs when configured for differential or PECL clock input mode.
0.1%
0.1%
tS
tH
tPD
DB0–DB13
CLOCK
IOUTA
OR
IOUTB
tLPW
tST
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com