Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9744ARURL7 Datasheet HTML 14Page - Analog Devices AD9744ARURL7 Datasheet HTML 15Page - Analog Devices AD9744ARURL7 Datasheet HTML 16Page - Analog Devices AD9744ARURL7 Datasheet HTML 17Page - Analog Devices AD9744ARURL7 Datasheet HTML 18Page - Analog Devices AD9744ARURL7 Datasheet HTML 19Page - Analog Devices AD9744ARURL7 Datasheet HTML 20Page - Analog Devices AD9744ARURL7 Datasheet HTML 21Page - Analog Devices AD9744ARURL7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9744
Rev. B | Page 18 of 32
capabilities should all be considered when optimizing this
circuit.
The differential circuit shown in Figure 36 provides the neces-
sary level shifting required in a single-supply system. In this
case, AVDD, which is the positive analog supply for both the
AD9744 and the op amp, is also used to level-shift the differen-
tial output of the AD9744 to midsupply (that is, AVDD/2). The
AD8041 is a suitable op amp for this application.
AD9744
IOUTA
IOUTB
COPT
500
Ω
225
Ω
225
Ω
1k
Ω
25
Ω
25
Ω
AD8041
1k
Ω
AVDD
22
21
Figure 36. Single-Supply DC Differential Coupled Circuit
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 37 shows the AD9744 configured to provide a unipolar
output range of approximately 0 V to 0.5 V for a doubly termi-
nated 50 Ω cable since the nominal full-scale current, IOUTFS, of
20 mA flows through the equivalent RLOAD of 25 Ω. In this case,
RLOAD represents the equivalent load resistance seen by IOUTA
or IOUTB. The unused output (IOUTA or IOUTB) can be con-
nected to ACOM directly or via a matching RLOAD. Different
values of IOUTFS and RLOAD can be selected as long as the positive
compliance range is adhered to. One additional consideration
in this mode is the integral nonlinearity (INL), discussed in
the Analog Outputs section. For optimum INL performance,
the single-ended, buffered voltage output configuration is
suggested.
AD9744
IOUTA
IOUTB
50
Ω
25
Ω
VOUTA =0V TO 0.5V
IOUTFS =20mA
50
Ω
22
21
Figure 37. 0 V to 0.5 V Unbuffered Voltage Output
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 38 shows a buffered single-ended output configuration
in which the op amp U1 performs an I-V conversion on the
AD9744 output current. U1 maintains IOUTA (or IOUTB) at a
virtual ground, minimizing the nonlinear output impedance
effect on the DAC’s INL performance as described in the
Analog Outputs section. Although this single-ended configura-
tion typically provides the best dc linearity performance, its ac
distortion performance at higher DAC update rates may be
limited by U1’s slew rate capabilities. U1 provides a negative
unipolar output voltage, and its full-scale output voltage is sim-
ply the product of RFB and IOUTFS. The full-scale output should be
set within U1’s voltage output swing capabilities by scaling IOUTFS
and/or RFB. An improvement in ac distortion performance may
result with a reduced IOUTFS since the signal current U1 will be
required to sink less signal current.
AD9744
IOUTA
IOUTB
COPT
200
Ω
U1
VOUT = IOUTFS × RFB
IOUTFS =10mA
RFB
200
Ω
22
21
Figure 38. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS,
POWER SUPPLY REJECTION
Many applications seek high speed and high performance
under less than ideal operating conditions. In these application
circuits, the implementation and construction of the printed
circuit board is as important as the circuit design. Proper RF
techniques must be used for device selection, placement, and
routing as well as power supply bypassing and grounding to
ensure optimum performance. Figure 43 to Figure 46 illustrate
the recommended printed circuit board ground, power, and signal
plane layouts implemented on the AD9744 evaluation board.
One factor that can measurably affect system performance is
the ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution.
This is referred to as the power supply rejection ratio (PSRR).
For dc variations of the power supply, the resulting performance
of the DAC directly corresponds to a gain error associated with
the DAC’s full-scale current, IOUTFS. AC noise on the dc supplies
is common in applications where the power distribution is gen-
erated by a switching power supply. Typically, switching power
supply noise will occur over the spectrum from tens of kHz to
several MHz. The PSRR vs. frequency of the AD9744 AVDD
supply over this frequency range is shown in Figure 39.
FREQUENCY (MHz)
85
40
12
68
10
0
80
75
70
65
60
55
50
24
45
Figure 39. Power Supply Rejection Ratio (PSRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com