Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9744ARURL7 Datasheet HTML 12Page - Analog Devices AD9744ARURL7 Datasheet HTML 13Page - Analog Devices AD9744ARURL7 Datasheet HTML 14Page - Analog Devices AD9744ARURL7 Datasheet HTML 15Page - Analog Devices AD9744ARURL7 Datasheet HTML 16Page - Analog Devices AD9744ARURL7 Datasheet HTML 17Page - Analog Devices AD9744ARURL7 Datasheet HTML 18Page - Analog Devices AD9744ARURL7 Datasheet HTML 19Page - Analog Devices AD9744ARURL7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9744
Rev. B | Page 16 of 32
CLK+
TO DAC CORE
CLK–
VTT = 1.3V NOM
50
Ω
50
Ω
AD9744
CLOCK
RECEIVER
Figure 29. Clock Termination in PECL Mode
DAC TIMING
Input Clock and Data Timing Relationship
Dynamic performance in a DAC is dependent on the relation-
ship between the position of the clock edges and the time at
which the input data changes. The AD9744 is rising edge trig-
gered, and so exhibits dynamic performance sensitivity when
the data transition is close to this edge. In general, the goal
when applying the AD9744 is to make the data transition close
to the falling clock edge. This becomes more important as the
sample rate increases. Figure 30 shows the relationship of SFDR
to clock placement with different sample rates. Note that at the
lower sample rates, more tolerance is allowed in clock place-
ment, while at higher rates, more care must be taken.
–3
–2
2
–1
0
1
65
75
ns
3
55
45
35
60
70
50
40
50MHz SFDR
20MHz SFDR
50MHz SFDR
Figure 30. SFDR vs. Clock Placement @ fOUT = 20 MHz and 50 MHz
Sleep Mode Operation
The AD9744 has a power-down function that turns off the out-
put current and reduces the supply current to less than 6 mA
over the specified supply range of 2.7 V to 3.6 V and tempera-
ture range. This mode can be activated by applying a logic level
1 to the SLEEP pin. The SLEEP pin logic threshold is equal to
0.5 Ω AVDD. This digital input also contains an active pull-
down circuit that ensures that the AD9744 remains enabled if
this input is left disconnected. The AD9744 takes less than 50 ns
to power down and approximately 5 µs to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9744 is dependent on sev-
eral factors that include:
•
The power supply voltages (AVDD, CLKVDD, and
DVDD)
•
The full-scale current output IOUTFS
•
The update rate fCLOCK
•
The reconstructed digital input waveform
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD. IAVDD
is directly proportional to IOUTFS, as shown in Figure 31, and is
insensitive to fCLOCK. Conversely, IDVDD is dependent on both the
digital input waveform, fCLOCK, and digital supply DVDD.
Figure 32 shows IDVDD as a function of full-scale sine wave
output ratios (fOUT/fCLOCK) for various update rates with
DVDD = 3.3 V.
IOUTFS (mA)
35
0
2
30
25
20
15
10
4
6
8
101214
161820
Figure 31. IAVDD vs. IOUTFS
RATIO (fOUT/fCLOCK)
20
0.01
1
0.1
14
16
18
12
10
8
6
4
2
0
165MSPS
210MSPS
65MSPS
125MSPS
Figure 32. IDVDD vs. Ratio @ DVDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com