Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9744ARURL7 Datasheet HTML 5Page - Analog Devices AD9744ARURL7 Datasheet HTML 6Page - Analog Devices AD9744ARURL7 Datasheet HTML 7Page - Analog Devices AD9744ARURL7 Datasheet HTML 8Page - Analog Devices AD9744ARURL7 Datasheet HTML 9Page - Analog Devices AD9744ARURL7 Datasheet HTML 10Page - Analog Devices AD9744ARURL7 Datasheet HTML 11Page - Analog Devices AD9744ARURL7 Datasheet HTML 12Page - Analog Devices AD9744ARURL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9744
Rev. B | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
45
50
55
60
65
70
75
80
85
90
95
fOUT (MHz)
1
10
100
65MSPS
125MSPS
165MSPS
125MSPS (LFCSP)
165MSPS (LFCSP)
210MSPS
210MSPS (LFCSP)
Figure 6. SFDR vs. fOUT @ 0 dBFS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 7. SFDR vs. fOUT @ 65 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
40
45
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
Figure 8. SFDR vs. fOUT @ 125 MSPS
45
50
55
60
65
70
75
80
85
90
95
20
30
010
40
50
60
fOUT (MHz)
0dBFS (LFCSP)
–6dBFS (LFCSP)
–12dBFS (LFCSP)
–6dBFS
0dBFS
–12dBFS
Figure 9. SFDR vs. fOUT @ 165 MSPS
45
50
55
60
65
70
75
80
85
90
95
010
20
30
40
50
60
70
80
fOUT (MHz)
–12dBFS (LFCSP)
–6dBFS
0dBFS
–12dBFS
0dBFS (LFCSP)
–6dBFS (LFCSP)
Figure 10. SFDR vs. fOUT @ 210 MSPS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
20mA
10mA
5mA
Figure 11. SFDR vs. fOUT and IOUTFS @ 65 MSPS and 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com