Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9744ARURL7 Datasheet HTML 2Page - Analog Devices AD9744ARURL7 Datasheet HTML 3Page - Analog Devices AD9744ARURL7 Datasheet HTML 4Page - Analog Devices AD9744ARURL7 Datasheet HTML 5Page - Analog Devices AD9744ARURL7 Datasheet HTML 6Page - Analog Devices AD9744ARURL7 Datasheet HTML 7Page - Analog Devices AD9744ARURL7 Datasheet HTML 8Page - Analog Devices AD9744ARURL7 Datasheet HTML 9Page - Analog Devices AD9744ARURL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9744
Rev. B | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
With Respect to
Min
Max
Unit
AVDD
ACOM
−0.3
+3.9
V
DVDD
DCOM
−0.3
+3.9
V
CLKVDD
CLKCOM
−0.3
+3.9
V
ACOM
DCOM
−0.3
+0.3
V
ACOM
CLKCOM
−0.3
+0.3
V
DCOM
CLKCOM
−0.3
+0.3
V
AVDD
DVDD
−3.9
+3.9
V
AVDD
CLKVDD
−3.9
+3.9
V
DVDD
CLKVDD
−3.9
+3.9
V
CLOCK, SLEEP
DCOM
−0.3
DVDD + 0.3
V
Digital Inputs, MODE
DCOM
−0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
−1.0
AVDD + 0.3
V
REFIO, REFLO, FS ADJ
ACOM
−0.3
AVDD + 0.3
V
CLK+, CLK−, CMODE
CLKCOM
−0.3
CLKVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
−65
+150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum ratings for extended periods may effect device reliability.
THERMAL CHARACTERISTICS1
Thermal Resistance
28-Lead 300-Mil SOIC
θJA = 55.9°C/W
28-Lead TSSOP
θJA = 67.7°C/W
32-Lead LFCSP
θJA = 32.5°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com