Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744ARURL7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9744ARURL7
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARURL7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9744ARURL7 Datasheet HTML 8Page - Analog Devices AD9744ARURL7 Datasheet HTML 9Page - Analog Devices AD9744ARURL7 Datasheet HTML 10Page - Analog Devices AD9744ARURL7 Datasheet HTML 11Page - Analog Devices AD9744ARURL7 Datasheet HTML 12Page - Analog Devices AD9744ARURL7 Datasheet HTML 13Page - Analog Devices AD9744ARURL7 Datasheet HTML 14Page - Analog Devices AD9744ARURL7 Datasheet HTML 15Page - Analog Devices AD9744ARURL7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9744
Rev. B | Page 12 of 32
DIGITAL DATA INPUTS (DB13–DB0)
150pF
+1.2V REF
AVDD
ACOM
REFLO
PMOS
CURRENT SOURCE
ARRAY
3.3V
SEGMENTED SWITCHES
FOR DB13–DB5
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
3.3V
RSET
2k
Ω
0.1
µF
IOUTA
IOUTB
AD9744
SLEEP
LATCHES
IREF
VREFIO
CLOCK
IOUTB
IOUTA
RLOAD
50
Ω
VOUTB
VOUTA
RLOAD
50
Ω
MODE
VDIFF = VOUTA – VOUTB
Figure 24. Simplified Block Diagram (SOIC/TSSOP Packages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com