Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 24 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 24 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
IP5389
V1.23
www.injoinic.com
24 / 41
Copyright © 2023, Injoinic Corp.
Apple.
Input QC2.0/QC3.0/ QC3+ protocol is not supported for charging the power bank. External fast
charging protocol IC is not supported.
Input fast charging protocol FCP, AFC are supported for charging the power bank. Since FCP and
AFC perform fast charging requests through DP/DM, when other fast charging protocol ICs are added,
FCP and AFC fast charging can no longer be supported.
When the mobile power bank charges the mobile phone, it will automatically detect the fast charging
sequence on the DP and DM pins after entering the discharge mode, and intelligently identify the type of
mobile phone,which support QC2.0/QC3.0/QC3+, FCP, AFC, SCP, VOOC protocol, Apple 2.4A mode,
BC1.2 ordinary 1A mode.
For Apple 2.4A mode: DP=DM=2.7V.
For BC1.2 1.0A mode: DP short to DM.
In the BC1.2 mode, when the DP voltage is detected to be greater than 0.325V and less than 2V for
1.25s, the initial judgment is that there is a fast charging request. At this time, the short circuit between
DP and DM will be disconnected, and DM will be pulled down to ground by a 20k resistor. If it is satisfied
that the DP voltage is greater than 0.325V and less than 2V, and the DM voltage is less than 0.325V for
2ms, the fast charging connection is considered successful. After that, the requested voltage can be
output according to the requirements of QC2.0/QC3.0/QC3+. As long as the DP voltage is less than
0.325V, the fast charge mode is forced to exit, and the output voltage immediately returns to the default
5V.
DP
DM
Result
0.6V
GND
5V
3.3V
0.6V
9V
0.6V
0.6V
12V
0.6V
3.3V
Continuous Mode
3.3V
3.3V
hold
Table 11
QC2.0/QC3.0 rules for requesting output voltage
Continuous Mode is the unique working mode of QC3.0/QC3+. In this mode, the output voltage can
be adjusted in a 0.2V step according to the QC3.0 protocol requirements, or it can be adjusted in a
20mV step after the QC3+ handshake is successful.
The fast charging protocol supported by each port of IP5389:
Protocols
VOUT1
output
VOUT2
output
Micro USB
input
TYPEC
output
TYPEC input
QC2.0
√
√
-
√
-
QC3.0
√
√
-
√
-
QC3+
√
√
-
√
-
AFC
√
√
√
√
√
FCP
√
√
√
√
√
SCP
√
√
√
√
√
VOOC
√
√
√
-
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com