Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
IP5389
V1.23
www.injoinic.com
10 / 41
Copyright © 2023, Injoinic Corp.
37
VCCIO
System 3.3V power supply, to supply power to the internal digital circuit of
the IC
38
LED6
Used for driving power indicator LED6
39
NTC_MODE
You can choose different NTC function by connecting different resistors. It
is used as an I/O driver in nixie tube solutions.
40
FCAP
Used for battery capacity selection.You can choose different battery
capacities by connecting different resistors.
41
VSET
Used for battery voltage selection. You can choose different battery
charging voltage by connecting different resistors.
42
IGND
Differential current sampling negative terminal
43
ISENSE
Differential current sampling positive terminal
44
LED5
Used to drive power indicator LED5
45
LED4
Used to drive power indicator LED4
46
LED3
Used to drive power indicator LED3
47
LED2
Used to drive power indicator LED2
48
LED1
Used to drive power indicator LED1
49
PMAX
Used for system input and output maximum power selection. You can set
PMAX by connecting a resistor to ground.
50
NTC
Used for NTC resistance detection.
51
CC2
Used for USB C port detection and fast charging communication
52
DPC
Used for USB C port fast charging intelligent recognition
53
DMC
Used for USB C port fast charging intelligent recognition
54
CC1
Used for USB C port detection and fast charging communication
55
DPA1
Used for USB A1 port fast charging intelligent recognition
56
DMA1
Used for USB A1 port fast charging intelligent recognition
57
VOUT1
USB A1 port power output from this pin
58
VOUT1G
Used to control NMOS in USB A1 port output path
59
VOUT1_I
Used for current detection of the USB A1 port
60
DPA2
Used for USB A2 port fast charging intelligent recognition
61
DMA2
Used for USB A2 port fast charging intelligent recognition
62
VOUT2
USB A2 port power output from this pin
63
VOUT2G
Used to control NMOS in USB A2 port output path
64
VOUT2_I
Used for current detection of the USB A2 port
65(EPAD)
GND
Ground
Table 3
IP5389 Pins description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com