Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 25 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 25 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
IP5389
V1.23
www.injoinic.com
25 / 41
Copyright © 2023, Injoinic Corp.
PD2.0
-
-
-
√
√
PD3.0
-
-
-
√
√
PPS
-
-
-
√
-
Table 12
The fast charging protocol supported by each port of IP5389
supported:√
not supported:-
12.7
Charging and Discharging Path Management
Standby:
If VIN or VBUS is connected to a power supply, charging can be started directly.
If a USB C UFP device is inserted into VBUS or an electrical device is inserted into VOUT, the
discharging function can be automatically turned on.
IP5389 will turn on when the key is pressed or there is a load on VOUT1, VOUT2, or USB C, otherwise
it will keep standby state.
Discharging:
When the key is not pressed, only the path of the output port that is connected to electrical device will
be opened, and the path of the output port that is not connected to electrical device will be closed.
Any port of VOUT1, VOUT2, USB C can support output fast charging protocol, but because of a single
inductor solution, it can only support one voltage output. In other words, It only supports fast charging
output when only one output port is turned on. When two or three output ports are used at the same time,
the fast charging function will be automatically turned off.
According to the connection shown in the "Simplified application schematic", when any output port
has entered fast charging output mode, if another output port is plugged in with an electrical device, it will
first close all the output ports, turn off the high-voltage fast charge function, and then turn on the output
port where the device exists. At this time, all the output ports only support Apple and BC1.2 charging.
When in the multi-port output mode, if the output current of any output port is less than about 80mA (MOS
Rds_ON@10mohm), the port will be automatically closed after 16s. When it is detected that the number
of electrical device is reduced from multiple to one, after about 16s, all output ports will be closed first, then
the high-voltage fast charging function will be turned on, and the output port connected to the electrical
device will be turned on. In this way, the device can be reactivated to request a fast charging. When only
one output port is turned on, and total output power is less than about 350mW for about 32s, IP5389 will
close the output port, stop discharging and enter standby state.
Charging:
Any one of VIN and VBUS can be plugged into a power source to charge the battery. If they are all
connected to the power source, the first plugged-in power source will be used first for charging.
In the case of charging only, it will automatically recognize the fast charging mode of the power supply
and automatically match the appropriate charging voltage and charging current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com