Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 34 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 34 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
IP5389
V1.23
www.injoinic.com
34 / 41
Copyright © 2023, Injoinic Corp.
temperature is lower than 2 degrees Celsius (greater than 0.50V) or the temperature exceeds 43 degrees
Celsius (less than 0.39V), the charging stops. The charging current limit value of the BAT terminal between
2~17 degrees Celsius (0.27V) is 0.1C, and C is equal to the battery capacity set by FCAP.
In the discharge state, the discharge is normal between -20 and 60 degrees Celsius, but when the
temperature is lower than -20 degrees Celsius (greater than 1.39V) or higher than 60 degrees Celsius
(less than 0.24V), the discharge stops.
NTC sixth gear:
In the charging state, the charging is normal between 0 and 45 degrees Celsius, but when the
temperature is lower than -10 degrees Celsius (greater than 0.86V) or the temperature exceeds 55
degrees Celsius (less than 0.28 V), the charging stops. The charging current limit value of the BAT terminal
is 0.2C between -10~0 degrees Celsius (0.55V) or between 45~55 degrees Celsius (0.28V), and C is equal
to the battery capacity set by FCAP.
In the discharge state, the discharge is normal between -20 and 55 degrees Celsius, but when the
temperature is lower than -20 degrees Celsius (greater than 1.39V) or higher than 55 degrees Celsius
(less than 0.28V), the discharge stops.
*Note:
After detecting the abnormal temperature of the NTC, it resumes normal operation when the
temperature is ±5 degrees Celsius of the protection temperature. In the brackets after the above
temperature, the NTC pin voltage corresponding to the temperature is written. The calculation method is:
the current discharged by the NTC pin * the NTC resistance value at the temperature.
The NTC resistance parameter referenced in the above temperature range is 10K@25℃ B=3380.
Other models are different and need to be adjusted.
If the scheme does not require NTC, the NTC pin should be connected to the ground with a 10k
resistor, and cannot be left floating or grounded directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com