Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 13 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 13 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
IP5389
V1.23
www.injoinic.com
13 / 41
Copyright © 2023, Injoinic Corp.
10
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Battery Voltage
VBAT
5.6
25
V
Input Voltage
VIN/VBUS
4.5
25
V
Output Voltage
VOUT1/VOUT2/VBUS
3
22
V
Working
temperature
TA
-40
85
℃
* Beyond these operating conditions, device operating characteristics cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com