Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 31 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 31 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
IP5389
V1.23
www.injoinic.com
31 / 41
Copyright © 2023, Injoinic Corp.
Table 17
The sequence mapping relationship between IP5389 display driver and nixie tube pin
12.12
Setting the System Input/Output Maximum Power
IP5389 sets the maximum input and output power of the system by judging the resistance value
connected to the PMAX pin.
Table 18
Input and output maximum power configuration table
Note: For emark cable identification, please refer to the demo application schematic to add emark power
supply circuit.
12.13
Setting the Number of Batteries in Series
IP5389 sets the number of batteries in series by judging whether the BAT_S1 or BAT_S2 pins is
connected to GND, thereby changing the battery display threshold, the constant voltage for charging the
battery, and the protection voltage.
BAT_S1 R18(ohm)
BAT_S2 R19(ohm)
the number of batteries in
series
0
0
2
NC
0
3
0
NC
4
NC
NC
5
Table 19
Configuration table of the number of batteries in series
12.14
VSET(Battery Type Setting)
IP5389 sets the battery type by outputting 80uA current to the resistor connected to GND on the VSET
pin and judging the voltage on the VSET, thereby changing the battery display threshold, the constant
voltage for charging the battery, and the protection voltage. The different resistances to GND connected
to VSET and the corresponding different battery types are shown in the following table. Note that the
accuracy of the external resistance should be 1% and the voltage of VSET should be in the middle of the
judgment range. When the voltage of VSET exceeds all judgment ranges, the chip will recognize the circuit
PMAX R14(ohm 1%)
Maximum power PMAX
27k
65W( In the case of emark cable, the output power is
65W.)
18k
60W
13k
45W
9.1k
30W
6.2k
27W
3.6k
100W( In the case of emark cable, the output power
is 100W.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com