Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 27 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 27 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
IP5389
V1.23
www.injoinic.com
27 / 41
Copyright © 2023, Injoinic Corp.
12.9
Key Function
KEY
WLED
Figure 8
Key circuit
Key circuit is illustrated in Figure 7, which can recognize short press or long press operation.
⚫
Pressing the key for longer than 60ms but less than 2s is a short press action
⚫
Pressing the key for longer than 2s is a long press action.
⚫
There will be no response when the key is pressed for less than 60ms.
⚫
Long press for 10s to reset the entire system.
12.10
Fast Charging Status Indicator
HLED is used to indicate the current fast charging mode. Regardless of charging or discharging, the
indicator will automatically light up when entering the fast charging mode and the output is not 5V.
It can be used as the 6th pin driver for the 6-pin nixie tube application. When 6-pin nixie tube is
selected, there is no fast charging light LED display.
HLED
Figure 9
Fast charging state indication
12.11
Coulombmeter and Battery Level Display
IP5389 has a built-in coulombmeter, which can realize accurate battery power calculation.
IP5389 supports LED5 pin to select LED mode or nixie tube mode.
IP5389 supports 4-LED mode.
IP5389 supports 188 nixie tube to display power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com