Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP5328P Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
IP5389
V1.22
www.injoinic.com
1 / 41
Copyright © 2022, Injoinic Corp.
A Power Bank SOC With Integrated Buck-Boost Driver Supporting
Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0,
Supporting 2~5 Series Batteries and Supporting Maximum Power
100W
1 Feature
Supporting Multiple USB Ports
Simultaneously
2 USB A output ports
1 USB C input/output port
1 USB B input port or Lightning input port or
C input/output port
Fast Charging
Every port supports fast charging
Support QC2.0/QC3.0/QC3+ output
Support FCP input/output
Support AFC input/output
Support SCP input/output
Support VOOC input/output
Support DRP try.SRC, PD3.0 input/output
Support BC1.2,Apple
Integrated USB PD2.0/PD3.0 Protocol
Support PD2.0 input/output protocol
Support PD3.0 input/output and PPS output
protocol
Support 5V/9V/12V/15V/20V input
Support 5V/9V/12V/15V/20V output
Support adjustable voltage in 20mV
increments in PPS Mode
Integrate hardware Bi-phase mark codec
(BMC) protocol
Integrate Physical Layer protocol
Integrate hardware CRC
Support Hard Reset
Integrates recognition and support of emark
cable
Power Control
Integrated bidirectional BUCK-BOOST
NMOS driver
Integrated charge-pump to control external
NMOS
Charge
Adaptive charging current adjustment
Support 3.65V/4.15V/4.2V/4.3V/4.35V/4.4V
battery
Support 2/3/4/5 batteries in series
Support charging Lithium Iron Phosphate
Battery(3.65V)
Boost
Maximum output power 100W
Up to 97%@5V/2A efficiency with
synchronous switching
Support line compensation
Battery Level Display
Integrated 14-bit ADC and coulombmeter
Support 4 LEDs to indicate battery level
Support 88/188 nixie tube
Support choosing nixie tube or LED for
battery level indicator by external pin
Self-learning coulombmeter, more uniform
power display
Support configuring initial battery capacity by
external pin
Other Functions
Automatic detection of mobile phone
plugging and unplugging
Fast charging status indication
Battery temperature detection
Enter standby mode automatically in light
load
Support multiple key mode selections
Integrated lighting driver
Multiple Protections,High Reliability
Input overvoltage and undervoltage
protection
Output overcurrent, overvoltage, short circuit
protection
Battery overcharge, overdischarge,
overcurrent protection
Overtemperature protection
NTC protection for charging and discharging
battery
ESD 4kV, input (including CC/DP/DM pins)
withstand voltage 30V
Low BOM Cost
Integrated switch power MOSFET driver
Single inductor for charging and discharging
Package Size:8mm × 8mm 0.4pitch
QFN64
2 Description
IP5389 is a power management SOC that
integrates QC2.0 / QC3.0 / QC3+ output fast
charging protocol, AFC/FCP/SCP/ VOOC input
and output fast charging protocol, USB C
PD2.0/PD3.0 input and output fast charging
protocol and PPS output protocol, BC1.2/iPhone
protocol, synchronous bi-directional buck-boost


Similar Part No. - IP5328P

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5328P INJOINIC-IP5328P Datasheet
1Mb / 13P
2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
V1.31 2019
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results

Similar Description - IP5328P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
ON Semiconductor
NCP81105 ONSEMI-NCP81105 Datasheet
385Kb / 36P
DrMOS Supporting 1/2/3 Phase Power Controller
October, 2013 ??Rev. 2
logo
Abracon Corporation
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Injoinic Technology Co....
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
Injoinic Technology Co....
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com