Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
IP5389
V1.23
www.injoinic.com
14 / 41
Copyright © 2023, Injoinic Corp.
11
Electrical Characteristics
Unless otherwise specified, TA=25℃, L=10uH
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Charging System
Input voltage
VIN/VBUS
4.5
5/9/12/15/20
25
V
Input
overvoltage
VIN
15
V
VBUS
25
V
Charging
constant
voltage
VTRGT
The number of battery is N,
RVSET = 27k
N*4.16
N*4.20
N*4.24
V
The number of battery is N,
RVSET = 18k
N*4.26
N*4.30
N*4.34
V
The number of battery is N,
RVSET = 13k
N*4.31
N*4.35
N*4.39
V
The number of battery is N,
RVSET = 9.1k
N*4.36
N*4.40
N*4.44
V
The number of battery is N,
RVSET = 6.2k
N*4.11
N*4.15
N*4.19
V
The number of battery is N,
RVSET = 3.6k
N*3.6
N*3.65
N*3.7
V
Charging
Current
ICHRG
VIN=5V, input current
1.7
2.0
2.3
A
VIN=9V, input current
1.7
2.0
2.3
A
VIN=12V, input current
1.2
1.5
1.8
A
VBUS=5V, input current
2.7
3.0
3.3
A
VBUS=9V,
input current
Not PD
1.7
2.0
2.3
A
PD
2.7
3.0
3.3
A
VBUS=12V,
input current
Not PD
1.2
1.5
1.8
A
PD
2.7
3.0
3.3
A
VBUS = 15V,input current
2.7
3.0
3.3
A
VBUS = 20V,input current
2.7
3.0
3.3
A
VBUS = 20V,PMAX=65W
2.9
3.25
3.6
A
VBUS = 20V,PMAX=100W
4.2
4.7
5.2
A
Charging
Current
ICHRG
VIN=5V, input current
1.8
2.0
2.2
A
VIN=9V, input current
1.8
2.0
2.2
A
VIN=12V, input current
1.3
1.5
1.7
A
VBUS=5V, input current
2.7
3.0
3.3
A
VBUS=9V ,
PD,
input current
PMAX>=27W
2.7
3.0
3.3
A
VBUS=9V,
not PD,
1.8
2.0
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com