Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 16 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 16 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
IP5389
V1.23
www.injoinic.com
16 / 41
Copyright © 2023, Injoinic Corp.
VOUT=12V@1A
11.60
12
12.40
V
QC3.0/
QC3+
VOUT
@1A
3.6
12
V
QC3.0
Step
200
mV
QC3+
Step
20
mV
Output voltage
ripple
ΔVOUT
VBAT=4*3.7V, VOUT=5.0V,
fs=250kHz, Iout=1A
120
mV
VBAT=4*3.7V, VOUT=9.0V,
fs=250kHz, Iout=1A
135
mV
VBAT=4*3.7V,
VOUT=12V,fs=250kHz,
Iout=1A
370
mV
Maximum
output power
of discharge
system
Pmax
Under the PD protocol,
different PMAX resistance
values correspond to different
Pmax.
20
100
W
Discharge
efficiency
ηout
VBAT=8V, VOUT=5V,
IOUT=2A
94.69
%
VBAT=8V, VOUT=9V,
IOUT=2A
95.36
%
VBAT=8V, VOUT=12V,
IOUT=2A
95.86
%
VBAT=15V, VOUT=5V,
IOUT=2A
91.55
%
VBAT=15V, VOUT=9V,
IOUT=2A
95.05
%
VBAT=15V, VOUT=12V,
IOUT=2A
95.37
%
Discharge
system
shutdown
current
Ishut
VBAT=N*3.7V,multiple ports
output 5V
4.1
4.4
4.7
A
VBAT= N *3.7V,single port
outputs 5V
3.1
3.4
3.8
A
VBAT= N *3.7V, single port
outputs 9V,not under PD
protocol condition
2.7
3
3.3
A
VBAT= N *3.7V, single port
outputs 12V,not under PD
protocol condition
2
2.2
2.5
A
VBAT= N *3.7V, single port
PDO * 1.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com