Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 28 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 28 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
IP5389
V1.23
www.injoinic.com
28 / 41
Copyright © 2023, Injoinic Corp.
12.11.1
Coulombmeter
IP5389 supports externally setting the initial capacity of the battery, and uses the integral of the current
and time of the battery terminal to manage the remaining capacity of the battery. When a 5 mohm detection
resistor is used between the battery current detection pins CSP2 and CSN2, the current battery capacity
can be accurately displayed. When the battery current detection pins CSP2 and CSN2 are shorted, the
battery current can be estimated to display the estimated current battery capacity; IP5389 supports the
automatic calibration of the total capacity of the current battery in a complete charging process from 0%
to 100%, and more reasonable management of the actual capacity of the battery.
The formula for setting the initial capacity of the battery through the IP5389 external pin: battery
capacity=R17*0.8 (mAH). The minimum value is 2000mAH, and the maximum value is 25000mAH.
When the voltage on the FCAP pin is less than 100mV or greater than 2700mV, it will be recognized
as a short-circuit or open-circuit abnormality in the R17 resistor.
Fcap
R17
17
Figure 10
Battery capacity configuration circuit
Typical battery capacity configuration table:
Table 13
Typical battery capacity configuration table
Note: The capacity in the table refers to the capacity of a single battery.
12.11.2
LED Power Display Mode
IP5389 4-LED mode to display the capacity of the battery is as follows:
R17 (ohm)
battery initial capacity (mAH)
6.2k
5000mAH
12.4k
10000mAH
18.7k
15000mAH
24.9k
20000mAH
30.9K
25000mAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com