Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5328P Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
IP5389
V1.23
www.injoinic.com
5 / 41
Copyright © 2023, Injoinic Corp.
5 Typical Application
CSN1
NTC
KEY
GND
EPAD
36
50
19
CSP1
VIO
17
18
PMAX
49
VIN_I
DMB
DPB
12
VIN
10
4
3
TYPE-A
VOUT1
GND
VOUT1_I
DMA1
DPA1
59
VOUT1
57
56
55
DMA1
DPA1
TYPE-A
VOUT2
GND
VOUT2_I
DMA2
DPA2
64
VOUT2
62
61
60
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
VBUS_I
DMC
DPC
15
13
53
52
CC1
CC2
54
51
VCCIO
45
VCC5V
34
LX
HLED
LED4
38
37
33
VBUS
VING
11
VBUSG
14
VOUT1G
58
VOUT2G
63
PCIN
20
46
LED3
47
LED2
48
LED1
CSN2
30
CSP2
BAT
32
31
28
PCON
29
26
AGND
16
LT
VCCIO
44
LED5
Micro-B
VIN
GND
DMB
DPB
CC3
2
HG2
LX2
27
25
BST2
LG2
21
23
HG1
LX1
22
24
BST1
LG1
65
IP5389
Lightning
VIN
CC3
GND
DAT1
LT
1
37
Figure 1 Simplified application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com