Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 3 Page - Texas Instruments

  TPS799 Datasheet HTML 1Page - Texas Instruments TPS799 Datasheet HTML 2Page - Texas Instruments TPS799 Datasheet HTML 3Page - Texas Instruments TPS799 Datasheet HTML 4Page - Texas Instruments TPS799 Datasheet HTML 5Page - Texas Instruments TPS799 Datasheet HTML 6Page - Texas Instruments TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
5 Pin Configuration and Functions
1
2
3
5
4
OUT
NR
IN
GND
EN
Figure 5-1. DDC Package (Fixed), 5-Pin SOT-23-
THIN (Top View)
1
2
3
5
4
OUT
FB
IN
GND
EN
Figure 5-2. DDC Package (Adjustable), 5-Pin
SOT-23-THIN (Top View)
OUT
NR
IN
GND
EN
C3
C1
B2
A3
A1
Figure 5-3. YZU Package (Fixed), 5-Pin DSBGA
(Top View)
OUT
FB
IN
GND
EN
C3
C1
B2
A3
A1
Figure 5-4. YZU Package (Adjustable), 5-Pin
DSBGA (Top View)
6
5
4
1
2
3
GND
OUT
NR
IN
GND
EN
N/C
Figure 5-5. DRV Package (Fixed), 6-Pin WSON With
Exposed Thermal Pad (Top View)
6
5
4
1
2
3
GND
OUT
FB
IN
GND
EN
N/C
Figure 5-6. DRV Package (Adjustable), 6-Pin WSON
With Exposed Thermal Pad (Top View)
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DDC
YZU
DRV
IN
1
C3
6
I
Input supply.
GND
2
B2
3, Pad
—
Ground. The pad must be tied to GND.
EN
3
A1
4
I
Driving this pin high turns on the regulator. Driving this pin low puts the regulator into
shutdown mode. EN can be connected to IN if not used.
NR
4
A3
2
—
Fixed voltage versions only. Noise reduction; connecting this pin to an external capacitor
bypasses noise generated by the internal band gap. This capacitor allows output noise to
be reduced to very low levels.
FB
4
A3
2
I
Adjustable voltage version only. Feedback; this pin is the input to the control loop error
amplifier, and sets the output voltage of the device.
OUT
5
C1
1
O
Output of the regulator. To assure stability, a small ceramic capacitor (total typical
capacitance ≥ 2 μF) is required from this pin to ground.
N/C
—
—
5
—
Not internally connected. This pin must either be left open, or tied to GND.
www.ti.com
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com