Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 1 Page - Texas Instruments

  TPS799 Datasheet HTML 1Page - Texas Instruments TPS799 Datasheet HTML 2Page - Texas Instruments TPS799 Datasheet HTML 3Page - Texas Instruments TPS799 Datasheet HTML 4Page - Texas Instruments TPS799 Datasheet HTML 5Page - Texas Instruments TPS799 Datasheet HTML 6Page - Texas Instruments TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR
Low-Dropout Linear Regulator
1 Features
• 200-mA low-dropout regulator with EN
• Multiple output voltage versions available:
– Fixed outputs of 1.2 V to 4.5 V
– Adjustable outputs from 1.20 V to 6.5 V
• Inrush current protection with EN toggle
• Low IQ: 40 μA
• High PSRR:
– 66 dB at 1 kHz
– 51 dB at 10 kHz
• Stable with a low-ESR, 2-μF typical output
capacitance
• Excellent load and line transient response
• 2% overall accuracy (load, line, and temperature)
• Very low dropout: 100 mV
• Packages:
– 5-bump, thin, 0.97-mm × 1.34-mm DSBGA
– 5-pin SOT-23-THIN
– 6-pin WSON
2 Applications
• Base stations
• Smart phones
• EPOS
• Wearable electronics
• VCOs, RF
• Wireless LAN, Bluetooth®
3 Description
The TPS799 low-dropout (LDO), low-power linear
regulator offers excellent ac performance with very
low ground current. High power-supply rejection ratio
(PSRR), low noise, fast start-up, and excellent line
and load transient response are provided while
consuming a very low 40-μA (typical) ground current.
The TPS799 is stable with ceramic capacitors and
uses an advanced BiCMOS fabrication process to
yield a dropout voltage of typically 100 mV at a 200-
mA output. The TPS799 uses a precision voltage
reference and feedback loop to achieve an overall
accuracy of 2% over all load, line, process, and
temperature variations. The TPS799 features inrush
current protection when the EN toggle is used to start
the device, immediately clamping the current.
This device is fully specified over the temperature
range of TJ = –40°C to +125°C, and is offered
in a low-profile, die-sized ball grid array (DSBGA)
package, making this device a good choice for
wireless handsets and WLAN cards. This device is
also offered in 5-pin SOT-23-THIN and 6-pin WSON
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS799
SOT-23-THIN (5)
2.90 mm × 1.60 mm
WSON (6)
2.00 × 2.00 mm
DSBGA (5)
1.34 mm × 0.97 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
TPS799xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2mF
Ceramic
V
EN
Typical Application Circuit: Fixed Voltage Versions
TPS79901
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
V
=
OUT
´
1.193
(R
1
2
+R )
R
2
V
EN
2.2 F
m
Ceramic
Typical Application Circuit: Adjustable Voltage
Version
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799 TI-TPS799 Datasheet
1Mb / 39P
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS799 TI1-TPS799 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
TPS799 TECHPUBLIC-TPS799 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
logo
Texas Instruments
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
More results

Similar Description - TPS799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
TPS799 TI-TPS799 Datasheet
1Mb / 39P
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com