Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 4 Page - Texas Instruments

  TPS799 Datasheet HTML 1Page - Texas Instruments TPS799 Datasheet HTML 2Page - Texas Instruments TPS799 Datasheet HTML 3Page - Texas Instruments TPS799 Datasheet HTML 4Page - Texas Instruments TPS799 Datasheet HTML 5Page - Texas Instruments TPS799 Datasheet HTML 6Page - Texas Instruments TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Voltage(2)
IN
–0.3
7.0
V
EN
–0.3
VIN + 0.3
V
OUT
–0.3
VIN + 0.3
V
Current
OUT
Internally limited
mA
Temperature
Operating virtual junction, TJ
–55
150
°C
Storage, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltages are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage(1)
2.7
6.5
V
IOUT
Output current
0.5
200
mA
TJ
Operating junction temperature
–40
125
°C
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
6.4 Thermal Information
THERMAL METRIC(1)
TPS799
UNIT
DDC
(SOT-23-THIN)
DRV
(WSON)
YZU
(DSBGA)
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
225.3
74.2
143.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.3
58.8
1.1
°C/W
RθJB
Junction-to-board thermal resistance
47.3
145.9
84.7
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
3.8
°C/W
ψJB
Junction-to-board characterization parameter
46.7
54.4
84.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
7.2
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com