Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments TPS799 Datasheet HTML 10Page - Texas Instruments TPS799 Datasheet HTML 11Page - Texas Instruments TPS799 Datasheet HTML 12Page - Texas Instruments TPS799 Datasheet HTML 13Page - Texas Instruments TPS799 Datasheet HTML 14Page - Texas Instruments TPS799 Datasheet HTML 15Page - Texas Instruments TPS799 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS799 internal current limit helps protect the regulator during fault conditions. In current limit mode, the
output sources a fixed amount of current that is largely independent of the output voltage. For reliable operation,
do not operate the device in a current-limit state for extended periods of time.
The PMOS pass element in the TPS799 has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited; therefore, if extended reverse voltage operation is
anticipated, external limiting may be required.
7.3.2 Shutdown
The enable pin (EN) is active high and is compatible with standard and low-voltage TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to IN.
7.3.3 Start Up
The TPS799 uses a start-up circuit to quickly charge the noise reduction capacitor, CNR, if present (see the
Functional Block Diagrams). This circuit allows for the combination of very low output noise and fast start-up
times. The NR pin is high impedance so a low leakage CNR capacitor must be used; most ceramic capacitors are
appropriate for this configuration.
For fastest start-up, apply VIN first, and then drive the enable pin (EN) high. If EN is tied to IN, start up is
somewhat slower. The start-up switch is closed for approximately 135 μs. To ensure that CNR is fully charged
during start-up, use a 0.01-μF or smaller capacitor.
7.3.4 Undervoltage Lockout (UVLO)
The TPS799 uses an undervoltage lockout circuit to keep the output shut off until internal circuitry is operating
properly. The UVLO circuit has a deglitch feature so that undershoot transients are typically ignored on the input
if these transients are less than 50 μs in duration.
7.4 Device Functional Modes
Driving EN over 1.2 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown mode,
thus reducing the operating current to 150 nA, nominal.
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com