Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments TPS799 Datasheet HTML 10Page - Texas Instruments TPS799 Datasheet HTML 11Page - Texas Instruments TPS799 Datasheet HTML 12Page - Texas Instruments TPS799 Datasheet HTML 13Page - Texas Instruments TPS799 Datasheet HTML 14Page - Texas Instruments TPS799 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
7 Detailed Description
7.1 Overview
The TPS799 low-dropout (LDO) regulator combines the high performance required of many RF and precision
analog applications with ultra-low current consumption. High PSRR is provided by a high-gain, high-bandwidth
error loop with good supply rejection at very low headroom (VIN – VOUT). A noise-reduction pin is provided to
bypass noise generated by the band-gap reference and to improve PSRR, while a quick-start circuit quickly
charges this capacitor at start-up. The combination of high performance and low ground current also make this
device an excellent choice for portable applications. This device has thermal and overcurrent protection, and is
fully specified from –40°C to +125°C.
The TPS799 also features inrush current protection with an EN toggle start-up, and overshoot detection at
the output. When the EN toggle is used to start the device, current limit protection is immediately activated,
restricting the inrush current to the device. If voltage at the output overshoots 5% from the nominal value,
a pulldown resistor reduces the voltage to normal operating conditions, as shown in the Functional Block
Diagrams.
7.2 Functional Block Diagrams
Thermal
Shutdown
UVLO
Current
Limit
2µA
Overshoot
Detect
500k
Quickstart
1.193V
Bandgap
IN
EN
NR
OUT
GND
400Ω
Figure 7-1. Fixed-Voltage Versions
Thermal
Shutdown
UVLO
Current
Limit
3.3MΩ
Overshoot
Detect
500k
1.193V
Bandgap
IN
EN
FB
OUT
GND
400Ω
Figure 7-2. Adjustable-Voltage Versions
www.ti.com
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com