Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS799
Description  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 Datasheet(HTML) 5 Page - Texas Instruments

  TPS799 Datasheet HTML 1Page - Texas Instruments TPS799 Datasheet HTML 2Page - Texas Instruments TPS799 Datasheet HTML 3Page - Texas Instruments TPS799 Datasheet HTML 4Page - Texas Instruments TPS799 Datasheet HTML 5Page - Texas Instruments TPS799 Datasheet HTML 6Page - Texas Instruments TPS799 Datasheet HTML 7Page - Texas Instruments TPS799 Datasheet HTML 8Page - Texas Instruments TPS799 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
6.5 Electrical Characteristics
at TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.3 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = VIN, COUT = 2.2 μF, and
CNR = 0.01 μF (unless otherwise noted); for TPS79901, VOUT = 3.0 V; typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Internal reference (TPS79901)
1.169
1.193
1.217
V
VOUT
Output voltage range (TPS79901)
VFB
6.5 – VDO
V
Output accuracy, nominal
TJ = 25°C
–1%
1%
Output accuracy(1)
over VIN, IOUT, temperature
VOUT + 0.3 V ≤ VIN ≤ 6.5 V
500 μA ≤ IOUT ≤ 200 mA
–2%
±1%
2%
ΔVO(ΔVI)
Line regulation(1)
VOUT(NOM) + 0.3 V ≤ VIN ≤ 6.5 V
0.02
%/V
ΔVO(ΔIO) Load regulation
500 μA ≤ IOUT ≤ 200 mA
0.002
%/mA
VDO
Dropout voltage(1)
(VIN = VOUT(nom) – 0.1 V)
IOUT = 200 mA
VOUT(nom) ≤ 3.3 V
100
175
mV
VOUT(nom) ≥ 3.3 V
90
160
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
220
400
600
mA
IGND
Ground pin current
500 μA ≤ IOUT ≤ 200 mA
40
60
μA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V, 2.7 V ≤ VIN ≤ 6.5 V
0.15
1
μA
IFB
Feedback pin current (TPS79901)
–0.5
0.5
µA
PSRR
Power-supply rejection ratio
VIN = 3.85 V,
VOUT = 2.85 V,
CNR = 0.01 μF,
IOUT = 100 mA
f = 100 Hz
70
dB
f = 1 kHz
66
f = 10 kHz
51
f = 100 kHz
38
Vn
Output noise voltage
BW = 10 Hz to 100 kHz,
VOUT = 2.85 V
CNR = 0.01 μF
10.5 × VOUT
μVRMS
CNR = none
94 × VOUT
Start-up time
VOUT = 2.85 V,
RL = 14 Ω,
COUT = 2.2 μF
CNR = 0.001 μF
45
μs
CNR = 0.047 μF
45
CNR = 0.01 μF
50
CNR = none
50
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5 V
0.03
1
μA
UVLO
Undervoltage lockout
VIN rising
1.90
2.20
2.65
V
UVLO hysteresis
VIN falling
70
mV
Tsd
Thermal shutdown temperature
Shutdown, temperature increasing
165
°C
Reset, temperature decreasing
145
(1)
VDO is not measured for devices with VOUT(nom) < 2.8 V because minimum VIN = 2.7 V.
www.ti.com
TPS799
SBVS056L – JANUARY 2005 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com