Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 4Page - Microsemi Corporation PD70100 Datasheet HTML 5Page - Microsemi Corporation PD70100 Datasheet HTML 6Page - Microsemi Corporation PD70100 Datasheet HTML 7Page - Microsemi Corporation PD70100 Datasheet HTML 8Page - Microsemi Corporation PD70100 Datasheet HTML 9Page - Microsemi Corporation PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
5
3.1
Detail Description
PD70100/PD70200 IC provides IEEE 802.3af/at compliant PD Front-End functions including Detection,
Physical Layer Classification, Two-Events Classification (PD70200 only), Auxiliary Voltage Output, Power
Good, Soft Start Current Limiting, Over-Current Protection, and Bulk Capacitor Discharge.
3.1.1
Detection
IEEE 802.3af/at compliant detection is provided by a 24.9 KΩ resistor connected between V and R
PP
DET
pin. R
pin is connected to VPN via an open drain MOSFET with a maximum specified RDS
of 50 Ω.
DET
IN
ON
Internal logic monitors V to VPN and connects the R
pin to VPN when the rising V to VPN
PP
IN
DET
IN
PP
IN
voltage is between 2.5 V and 10.1 V. When rising V to VPN voltage exceeds 10.1 V, the MOSFET is
PP
IN
switched off. Once above 10.1 V, falling V to VPN voltage between 2.45 V and 4.85 V will reconnect
PP
IN
R
pin to VPN .
DET
IN
3.1.2
Physical Layer Classification
Physical Layer (hardware) Classification per IEEE 802.3af/at is generated via a regulated reference
voltage of 1.2 V, switched onto the R
pin. Internal logic monitors the V to VPN voltage and
CLASS
PP
IN
connects the 1.2 V reference to R
pin at a rising V to VPN voltage threshold between 11.1 V and
CLASS
PP
IN
13.5 V. Once V to VPN has exceeded the rising threshold, there is a 1 V minimum hysteresis between
PP
IN
the V rising (turn-on) threshold and the V falling (turn-off) threshold.
PP
PP
The 1.2 V reference stays connected to the R
pin until the V to VPN rising voltage exceeds the
CLASS
PP
IN
upper turn-off threshold of 20.9 V to 23.9 V. The 1.2 V reference voltage is disconnected from the RCLASS
pin at V to VPN voltages above the upper threshold.
PP
IN
Classification current signature is provided via a resistor connected between R
pin and VPN . The
CLASS
IN
classification current is therefore the current drawn by the PD70100/PD70200 IC during the
classification phase, and is simply the 1.2 V reference voltage divided by the R
resistor value. The
CLASS
maximum current available at the R
pin is current limited to 55 mA (typical).
CLASS
3.1.3
Two-Events Detection and AT Flag
The PD70200 IC provides IEEE 802.3at Type 2 compliant detection of the “Two Events Classification
Signature”, and generation of the AT flag. This feature is available on the PD70200 IC only.
Simply put, the “Two Events Classification Signature” is a means by which an IEEE 802.3at Type 2 Power
Source can inform a compliant Power Device (PD) that it is AT Type 2 compliant, and as such is capable
of providing AT Type 2 power levels.
The Power Source communicates with a Type 2 compliant signature by toggling the V to VPN voltage
PP
IN
twice (2 “events”) during the Physical Layer Classification phase. The V to VPN voltage is toggled from
PP
IN
the Physical Layer Classification’s voltage level (13.5 V to 20.9 V) down to a voltage “Mark” level. Voltage
“Mark” level is specified as a V to VPN voltage of 4.9 V to 10.1 V.
PP
IN
PD70200 IC recognizes a V to VPN falling edge from Classification level to Mark level as being one
PP
IN
event of the Two-Events Signature. If two such falling edges are detected, PD70200 will assert AT flag by
means of an open drain MOSFET connected between AT_FLAG pin and VPN
.
OUT
AT_FLAG pin is active low; a low impedance state between AT_FLAG and VPN
indicates a valid Two-
OUT
Events Classification Signature was received, and the Power Source is AT Type 2 compliant.
AT_FLAG MOSFET is capable of 5 mA of current and can be pulled up to V .
PP
3.1.4
Soft Start and Inrush Current Protection
PD70100/PD70200 IC contains an internal isolation switch, that provides ground isolation between
Power Source and PD application during Detection and Classification phases. The isolation switch is a N-
channel MOSFET, wired in a common source configuration where the MOSFET’s Source is connected to
Power Source ground at VPN , and the MOSFET’s Drain is connected to application’s primary ground at
IN
VPN
.
OUT
Internal logic monitors V to VPN voltage and keeps the MOSFET in a high impedance state until V to
PP
IN
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com