Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 9Page - Microsemi Corporation PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation PD70100 Datasheet HTML 15Page - Microsemi Corporation PD70100 Datasheet HTML 16Page - Microsemi Corporation PD70100 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
10
4.2.4
Mark
Table 6 • Mark
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Mark, Working Voltage Range
VMARK
4.9
10.1
V
When voltage decreases
Measured between V to VPN
PP
IN
Mark Current
IMARK
0.25
4
mA
Chip current
4.2.5
Isolation Switch
Table 7 • Isolation Switch
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Isolation Switch MOSFET Switches
from Off to ILIM-LOW
VSW-START
36
42
V
Isolation Switch MOSFET Switched
Off
VSW-OFF
30.5
34.5
V
Startup Current Limit, ILIM
ILIM-LOW
105
240
325
mA
VPN to VPN
Threshold Voltage
IN
OUT
for I
to I
Switchover
LIM- LOW
LIM-HIGH
VDIFF
0.7
V
When VPN to VPN
≤ V
IN
OUT
DIFF
, Isolating switch switches
over from I
to I
.
LIM-LOW
LIM-HIGH
Over Current Protection Current
Limit
OCP
1500
1800
2000
mA
Continuous Operation Load
Current (PD70100)
ILOAD
350
450
mA
Isolating switch at ILIM-HIGH
Continuous Operation Load
Current (PD70200)
600
1123
Continuous Operation Total RDSON
SW-RDSON
0.6
Ω
Total resistance between
VPN and VPN
Isolating
IN
OUT
switch at ILIM-HIGH
4.2.6
DC/DC Capacitor Discharger
Table 8 • DC/DC Capacitor Discharger
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
/Comment
DC/DC Input Capacitance
220
µF
For reference only
Guaranteed by design
(not tested in
production)
Discharge Current
22.8
32
50
mA
7.0V ≤ V to VPN
≤
PP
OUT
30 V
Full Discharge Time for Full Discharge of Input
Capacitance
TDSC
500
ms
V < UVLO threshold
PP
Guaranteed by design
(not tested in
production)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com