Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation PD70100 Datasheet HTML 15Page - Microsemi Corporation PD70100 Datasheet HTML 16Page - Microsemi Corporation PD70100 Datasheet HTML 17Page - Microsemi Corporation PD70100 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
11
4.2.7
AT_FLAG
Table 9 • AT_FLAG
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Output Low Voltage
0.4
V
I = 0.75 mA
OL
2.5
V
I MAX = 5 mA
OL
Leakage Current
1.7
µA
V
= 57 V
ATFLAG
4.2.8
PGOOD
Table 10 • PGOOD
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Output Low Voltage
0.4
µF
I = 0.75 mA
OL
2.5
mA
I MAX = 5 mA
OL
Leakage Current
1.7
µA
V
= 57 V
PGOOD
4.2.9
Thermal Shutdown
Table 11 • Thermal Shutdown
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Thermal Shutdown Temperature
180
200
220
°C
4.2.10
VAUX
Reference to VPN
.
OUT
Table 12 • VAUX
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
V
Output Voltage On
AUX
VAUX-on
9.5
10.5
11.8
V
Isolating switch at I
and PGOOD =
LIM-HIGH
Low
Output Current Peak
IVAUXP
0
10
mA
Capacitor = 30 µF
When T
≤ 5 mS
LOAD
Isolating switch at I
and PGOOD =
LIM-HIGH
Low
Output Continuous
Current
IVAUXC
0
2
mA
When T
≤ 10 mS
LOAD
Isolating switch at I
and PGOOD =
LIM-HIGH
Low
V
Output Current
AUX
Limit
IVAUX
10
32
mA
Isolating switch at I
and PGOOD =
LIM-HIGH
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com