Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 7Page - Microsemi Corporation PD70100 Datasheet HTML 8Page - Microsemi Corporation PD70100 Datasheet HTML 9Page - Microsemi Corporation PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation PD70100 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
8
4
Electrical Specifications
4.1
Absolute Maximum Ratings
Table 2 • Absolute Maximum Ratings
Supply Input Voltage (V ) Continuous
PP
−0.3 V to 74 VDC
Supply Input Voltage (V ) 1 ms pulse
PP
−0.3 V to 88 VDC
Port Negative Out Voltage (VPN
)
OUT
−0.3 V to 74 VDC
R
Continuous
DET
−0.3 V to 74 VDC
R
1 mS pulse
DET
−0.3 V to 88 VDC
R
, R
CLASS
REF
−0.3 V to 5 VDC
VAUX
−0.3 V to 30 VDC
PGOOD, AT_FLAG (with respect to VPN
) Continuous
OUT
−0.3 V to 74 VDC
PGOOD, AT_FLAG (with respect to VPN
) 1 mS pulse
OUT
−0.3 V to 88 VDC
ESD Protection*
±1.5 kV HBM
Maximum Operating Junction Temperature (T )
A
150 °C
Operating Ambient Temperature
−40 °C to 85 °C
Storage Temperature Range
−65 °C to 150 °C
Peak Package Solder Reflow Temp (40 seconds max exposure)
260 °C
* All pins except pin 11 (V
). Pin 11 ESD Protection ±150 V HBM.
AUX
** No pin voltage can be higher than Vpp.
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to VPNIN
except for Vaux, PGOOD and AT_FLAG with respect to VPN
. Currents are positive into, negative out of
OUT
specified terminal. These are stress ratings only and functional operation of the device at these or any
other conditions beyond those indicated under “Recommended Operating Conditions” are not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
4.2
Typical Electrical Performance
Unless otherwise specified, the following specifications apply over the operating ambient temperature
−40 °C ≤ T
≤ 85 °C. Production tests are done at 25 °C T .
AMB
A
4.2.1
Power Supply
Table 3 • Power Supply
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Input Voltage
VPP
0
55
57
V
Supports Full IEEE802.3 af/at
functionality
Power Supply Current at Operating
Mode
1
3
mA
V = 55 V
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com