Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation PD70100 Datasheet HTML 15Page - Microsemi Corporation PD70100 Datasheet HTML 16Page - Microsemi Corporation PD70100 Datasheet HTML 17Page - Microsemi Corporation PD70100 Datasheet HTML 18Page - Microsemi Corporation PD70100 Datasheet HTML 19Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
13
6
Package Specifications
This section provides information about the available package.
Note: Dimensions do not include mold flash or protrusions; these shall not exceed 0.155 mm (.006”) on
any side. Lead dimension shall not include solder coverage. Dimensions are in millimeters, inches for
reference only.
Figure 5 • Package Drawing Dimensions and Measurements
Table 14 • Package Dimensions: DFN
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
A3
0.20 REF
0.008 REF
D
4.00 BSC
0.157 BSC
E
3.00 BSC
0.118 BSC
D2
3.00
3.70
0.118
0.146
E2
1.40
1.80
0.055
0.071
e
0.50 BSC
0.0197 BSC
K
0.20 MIN
0.008 MIN
L
0.30
0.50
0.012
0.020
b
0.18
0.30
0.007
0.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com