Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD70100
Description  IEEE 802.3af/at PD Front End IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70100 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD70100 Datasheet HTML 8Page - Microsemi Corporation PD70100 Datasheet HTML 9Page - Microsemi Corporation PD70100 Datasheet HTML 10Page - Microsemi Corporation PD70100 Datasheet HTML 11Page - Microsemi Corporation PD70100 Datasheet HTML 12Page - Microsemi Corporation PD70100 Datasheet HTML 13Page - Microsemi Corporation PD70100 Datasheet HTML 14Page - Microsemi Corporation PD70100 Datasheet HTML 15Page - Microsemi Corporation PD70100 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IEEE 802.3af/at PD Front End IC
Microsemi Proprietary and Confidential. PD70100/PD70200 Datasheet Revision 3.0
9
4.2.2
Detection Mode
Table 4 • Detection Mode
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Detection is connected.
At this voltage range R
must be
DET
on.
DETRANGE
1.3
10.1
V
Measured between V and VPN
PP
IN
Detection Switch ON Resistance
PD-detection
R -on
DET
50
Ω
2.5 V ≤ (ΔV to VPN ≤ 10.1 V
PP
IN)
Measured between R
and VPN
DET
IN
Detection is Disconnected
R -off
DET
10.1
12.8
V
Measured between V and VPN
PP
IN
Detection Switch OFF Resistance
R -off
DET
2.0
MΩ
12.8 V ≤ (ΔV to VPN ) ≤ 57.0 V
PP
IN
Measured between R
and VPN
DET
IN
Input Offset Current
IOFFSET
16
μA
1.1 V to 10.1 V
−40 °C ≤ T ≤ 85 °C
J
IOFFSET
10
μA
1.1V to 10.1V
−40 °C ≤ T ≤ 55 °C
J
4.2.3
Classification Mode
Table 5 • Classification Mode
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Classification Current Source, Turn ON
ThresholdRangeMeasured at VPP
V -
TH
low-on
11.4
13.7
V
Turn on for any I
while
CLASS
V increases
PP
Classification Current Source, Turn OFF
ThresholdRangeMeasured at VPP
V -
TH
high-
off
20.9
23.9
V
Turn off while VPP
increases
Current Limit Threshold
I
-
CLASS
LIM
50.0
68
80.0
mA
Input Current I When Classification
PP
Function is Disabled
I
-
CLASS
DIS
4.0
mA
Class 0
R
= Disconnect
CLASS
Input Current I When Classification
PP
Function is Enabled
I
-
CLASS
EN
9.0
10.5
12.0
mA
Class 1
R
= 133 Ω ± 1%
CLASS
17.0
18.5
20.0
mA
Class 2
R
= 69.8 Ω ± 1%
CLASS
26.0
28.0
30.0
mA
Class 3
R
= 45.3 Ω ± 1%
CLASS
36.0
40.0
44.0
mA
Class 4
R
= 30.9 Ω ± 1%
CLASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com