Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 4 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 4 Page - Nordic Semiconductor

  NRF51822-CEAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
Page 4
nRF51822 Product Specification v3.3
January 2016
3.2
Added documentation for the nRF51822 CTAC version of the chip.
Added content:
• Section 4.10.1 “Enable 4 Mbps SPIS bit rate” on page 35
• Section 7.2 “CTAA and CTAC mechanical strength” on page 39
• Section 9.6 “CTAC WLCSP package” on page 72
• Section 11.10 “CTAC WLCSP package” on page 124
Updated content:
• Feature list on the front page.
• Section 2.2.3 “CEAA, CFAC, CTAA, and CTAC WLCSP ball assignment and functions”
on page 17
• Section 3.2.1 “Code organization” on page 22
• Section 3.2.2 “RAM organization” on page 22
• Section 3.3 “Memory Protection Unit (MPU)” on page 23
• Chapter 6 “Absolute maximum ratings” on page 38
• Section 7.1 “WLCSP light sensitivity” on page 39
• Section 8.1.2 “16 MHz crystal oscillator (16M XOSC)” on page 41
• Section 8.1.5 “32.768 kHz crystal oscillator (32k XOSC)” on page 43
• Section 8.1.6 “32.768 kHz RC oscillator (32k RCOSC)” on page 44
• Section 8.2 “Power management” on page 45
• Section 8.8 “Serial Peripheral Interface Slave (SPIS) specifications” on page 57
• Section 10.6 “Code ranges and values” on page 76
• Section 10.7 “Product options” on page 78
October 2014
3.1
Added documentation for the following versions of the chip:
• nRF51822-QFAC AA0
• nRF51822-QFAC Ax0
• nRF51822-CDAB AA0
• nRF51822-CDAB Ax0
• nRF51822-CFAC AA0
• nRF51822-CFAC Ax0
(The x in the build codes can be any number between 0 and 9.)
Added content:
• Section 2.2.2 “CDAB WLCSP ball assignment and functions” on page 14
• Section 9.2 “CDAB WLCSP package” on page 68
• Section 9.4 “CFAC WLCSP package” on page 70
Updated content:
• Feature list on the front page.
• Section 2.2.3 “CEAA and CFAC WLCSP ball assignment and functions” on page 17
• Section 3.2.1 “Code organization” on page 22
• Section 3.2.2 “RAM organization” on page 22
• Section 3.3 “Memory Protection Unit (MPU)” on page 23
• Section 8.2 “Power management” on page 45
• Section 8.3 “Block resource requirements” on page 49
• Section 8.12 “Analog to Digital Converter (ADC) specifications” on page 61
• Section 10.6 “Code ranges and values” on page 76
• Section 10.7 “Product options” on page 78
Date
Version
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com