Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 37 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 37 Page - Nordic Semiconductor

Back Button NRF51822-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
Page 37
nRF51822 Product Specification v3.3
5
Instance table
The peripheral instantiation of the chip is shown in the table below.
Table 18 Peripheral instance reference
ID
Base address
Peripheral
Instance
Description
0
0x40000000
POWER
POWER
Power Control.
0
0x40000000
CLOCK
CLOCK
Clock Control.
0
0x40000000
MPU
MPU
Memory Protection Unit.
1
0x40001000
RADIO
RADIO
2.4 GHz Radio.
2
0x40002000
UART
UART0
Universal Asynchronous Receiver/Transmitter.
3
0x40003000
SPI
SPI0
SPI Master.
3
0x40003000
TWI
TWI0
I2C compatible Two-Wire Interface 0.
4
0x40004000
SPIS
SPIS1
SPI Slave.
4
0x40004000
SPI
SPI1
SPI Master.
4
0x40004000
TWI
TWI1
I2C compatible Two-Wire Interface 1.
5Unused.
6
0x40006000
GPIOTE
GPIOTE
GPIO Task and Events.
7
0x40007000
ADC
ADC
Analog to Digital Converter.
8
0x40008000
TIMER
TIMER0
Timer/Counter 0.
9
0x40009000
TIMER
TIMER1
Timer/Counter 1.
10
0x4000A000
TIMER
TIMER2
Timer/Counter 2.
11
0x4000B000
RTC
RTC0
Real Time Counter 0.
12
0x4000C000
TEMP
TEMP
Temperature Sensor.
13
0x4000D000
RNG
RNG
Random Number Generator.
14
0x4000E000
ECB
ECB
Crypto AES ECB.
15
0x4000F000
CCM
CCM
AES Crypto CCM.
15
0x4000F000
AAR
AAR
Accelerated Address Resolver.
16
0x40010000
WDT
WDT
Watchdog Timer.
17
0x40011000
RTC
RTC1
Real Time Counter 1.
18
0x40012000
QDEC
QDEC
Quadrature Decoder.
19
0x40013000
LPCOMP
LPCOMP
Low Power Comparator.
20 - 25
Reserved as software interrupt.
26 - 29
Unused.
30
0x4001E000
NVMC
NVMC
Non-Volatile Memory Controller.
31
0x4001F000
PPI
PPI
Programmable Peripheral Interconnect.
NA
0x50000000
GPIO
GPIO
General Purpose Input and Output.
NA
0x10000000
FICR
FICR
Factory Information Configuration Registers.
NA
0x10001000
UICR
UICR
User Information Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com