Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 44 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 44 Page - Nordic Semiconductor

Back Button NRF51822-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 48Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
Page 44
nRF51822 Product Specification v3.3
8.1.6
32.768 kHz RC oscillator (32k RCOSC)
Table 26 32.768 kHz RC oscillator
8.1.7
32.768 kHz Synthesized oscillator (32k SYNT)
Table 27 32.768 kHz Synthesized oscillator
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
fNOM,RC32k
Nominal frequency.
32.768
kHz
N/A
fTOL,RC32k
Frequency tolerance.
±2
%
3
fTOL,CAL,RC32k
Frequency tolerance.
Calibration interval 4 s
±250
ppm
1
IRC32k
Run current.
1.3
1.5
μA
1
tSTART,RC32k
Startup time.
390
487
μs
1
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
fNOM,SYNT32k
Nominal frequency.
32.768
kHz
1
fTOL,SYNT
Frequency tolerance.
fTOL,XO16M ±8
fTOL,XO32M ±8
ppm
1
ISYNT32k
Run and startup current for
32.768 kHz Synthesized clock
including the 16M XOSC.
15
μA
1
tSTART,SYNT32k
Startup time for 32.768 kHz
Synthesized clock.
406
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com