Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 62 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 62 Page - Nordic Semiconductor

Back Button NRF51822-CEAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 66Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
Page 62
nRF51822 Product Specification v3.3
8.13
Timer (TIMER) specifications
Table 52 Timer specifications
8.14
Real Time Counter (RTC)
Table 53 RTC
8.15
Temperature sensor (TEMP)
Note: HFCLK XOSC is required to get the stated accuracy.
Table 54 Temperature sensor
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
ITIMER0/1/2
Timer current when running from
HFCLK in 16 MHz mode.
30
μA
1
ITIMER0/1/2,1M
Timer current when running from
HFCLK in 1 MHz mode.
4
μA
1
tTIMER,START
Time from START task is given
until timer starts counting.
0.25
μs
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
IRTC
Timer (LFCLK source).
0.1
μA
1
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ITEMP
Run current for Temperature sensor.
185
μA
1
tTEMP
Time required for temperature
measurement.
35
μs
1
TRANGE
Temperature sensor range.
-25
75
°C
N/A
TACC
Temperature sensor accuracy.1
1. Stated temperature accuracy is valid in the range 0 to 60
°C.
Temperature accuracy outside the 0 to 60°C range is ± 8°C.
-4
+4
°C
N/A
TRES
Temperature sensor resolution.
0.25
°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com