Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 33 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 33 Page - Nordic Semiconductor

Back Button NRF51822-CEAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 37Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
Page 33
nRF51822 Product Specification v3.3
4.2
Timer/counters (TIMER)
The timer/counter runs on the high-frequency clock source (HFCLK) and includes a 4 bit (1/2X) prescaler that
can divide the HFCLK.
The TIMER will start requesting the 1 MHz mode of the HFCLK for values of the prescaler that gives fTIMER less
or equal to 1 MHz. If the timer module is the only one requesting the HFCLK, the system will automatically
switch to using the 1 MHz mode resulting in a decrease in the current consumption. See the parameters
I1v2XO16,1M, I1v2XO32,1M, I1v2RC16,1M in Table 32 on page 48 and ITIMER0/1/2,1M in Table 52 on page 62.
The task/event and interrupt features make it possible to use the PPI system for timing and counting tasks
between any system peripheral including any GPIO of the device. The PPI system also enables the TIMER
task/event features to generate periodic output and PWM signals to any GPIO. The number of input/outputs
used at the same time is limited by the number of GPIOTE channels.
Table 12 Timer/counter properties
4.3
Real Time Counter (RTC)
The Real Time Counter (RTC) module provides a generic, low power timer on the low-frequency clock source
(LFCLK). The RTC features a 24 bit COUNTER, 12 bit (1/X) prescaler, capture/compare registers, and a tick
event generator for low power, tickless RTOS implementation.
Table 13 RTC properties
4.4
AES Electronic Codebook Mode Encryption (ECB)
The ECB encryption block supports 128 bit AES block encryption. It can be used for a range of cryptographic
functions like hash generation, digital signatures, and keystream generation for data encryption/decryption.
ECB encryption uses EasyDMA to access system RAM for in-place operations on cleartext and ciphertext
during encryption.
Instance
Bit-width
Capture/Compare registers
TIMER0
8/16/24/32
4
TIMER1
8/16
4
TIMER2
8/16
4
Instance
Capture/Compare registers
RTC0
3
RTC1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com