Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-CEAA-R7 Datasheet(PDF) 52 Page - Nordic Semiconductor

Part # NRF51822-CEAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CEAA-R7 Datasheet(HTML) 52 Page - Nordic Semiconductor

Back Button NRF51822-CEAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF51822-CEAA-R7 Datasheet HTML 56Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
Page 52
nRF51822 Product Specification v3.3
8.5.4
Transmitter specifications
Table 38 Transmitter specifications
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
PRF
Maximum output power.
4
dBm
4
PRFC
RF power control range.
20
24
dB
2
PRFCR
RF power accuracy.
±4
dB
1
PWHISP
RF power whisper mode.
-30
dBm
2
PBW2
20 dB bandwidth for modulated carrier (2 Mbps).
1800
2000
kHz
2
PBW1
20 dB bandwidth for modulated carrier (1 Mbps).
950
1100
kHz
2
PBW250
20 dB bandwidth for modulated carrier (250 kbps).
700
800
kHz
2
PRF1.2
1st Adjacent Channel Transmit Power.
±2 MHz (2 Mbps).
-20
dBc
2
PRF2.2
2nd Adjacent Channel Transmit Power.
±4 MHz (2 Mbps).
-45
dBc
2
PRF1.1
1st Adjacent Channel Transmit Power.
±1 MHz (1 Mbps).
-20
dBc
2
PRF2.1
2nd Adjacent Channel Transmit Power.
±2 MHz (1 Mbps).
-40
dBc
2
PRF1.250
1st Adjacent Channel Transmit Power.
±1 MHz (250 kbps).
-25
dBc
2
PRF2.250
2nd Adjacent Channel Transmit Power.
±2 MHz (250 kbps).
-40
dBc
2
tTX,30
Maximum consecutive transmission time,
fTOL < ±30 ppm.
16
ms
1
tTX,60
Maximum consecutive transmission time,
fTOL < ±60 ppm.
4ms
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com