Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet(PDF) 20 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 16Page - Texas Instruments CC115LRGP Datasheet HTML 17Page - Texas Instruments CC115LRGP Datasheet HTML 18Page - Texas Instruments CC115LRGP Datasheet HTML 19Page - Texas Instruments CC115LRGP Datasheet HTML 20Page - Texas Instruments CC115LRGP Datasheet HTML 21Page - Texas Instruments CC115LRGP Datasheet HTML 22Page - Texas Instruments CC115LRGP Datasheet HTML 23Page - Texas Instruments CC115LRGP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
Read or write consecutive
Write n + 1 bytes
registers (s):
to the TX FIFO:
HeaderStrobe
HeaderStrobe
HeaderStrobe
HeaderReg
HeaderReg n
HeaderFIFO
HeaderReg
Data
Datan
DataByte 0
Data
HeaderReg
Data
HeaderReg
Data
Datan + 1
Datan + 2
HeaderStrobe
HeaderReg
Data
HeaderStrobe
HeaderFIFO
DataByte 1
DataByte 2
DataByte n - 1
DataByte n
DataByte 0
DataByte 1
CSn:
Command strobe(s):
Read or write register(s):
Combinations:
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.5.5
TX FIFO Access
The 64-byte TX FIFO is accessed through the 0x3F address. The TX FIFO is write-only and the R/W bit
should therefore be zero.
The burst bit is used to determine if the TX FIFO access is a single byte access or a burst access. The
single byte access method expects a header byte with the burst bit set to zero and one data byte. After
the data byte, a new header byte is expected; hence CSn can remain low. The burst access method
expects one header byte and then consecutive data bytes until terminating the access by setting CSn
high.
The following header bytes access the FIFO:
•
0x3F: Single byte access to TX FIFO
•
0x7F: Burst access to TX FIFO
When writing to the TX FIFO, the status byte (see Section 5.5.1) is output on SO for each new data byte
as shown in Figure 5-3. This status byte can be used to detect TX FIFO underflow while writing data to
the TX FIFO. Note that the status byte contains the number of bytes free before writing the byte in
progress to the TX FIFO. When the last byte that fits in the TX FIFO is transmitted on SI, the status byte
received concurrently on SO will indicate that one byte is free in the TX FIFO.
The TX FIFO may be flushed by issuing a SFTX command strobe. A SFTX command strobe can only be
issued in the IDLE, or TXFIFO_UNDERFLOW states. The TX FIFO is flushed when going to the SLEEP
state.
Figure 5-5 gives a brief overview of different register access types possible.
5.5.6
PATABLE Access
The 0x3E address is used to access the PATABLE, which is used for selecting PA power control settings.
The SPI expects one or two data bytes after receiving the address (the burst bit must be set if two bytes
are to be written). For OOK, two bytes should be written to PATABLE; the first byte after the address will
set the logic 0 power level and the second byte written will set the logic 1 power level. For all other
modulations formats, only one byte should be written to PATABLE. Use SmartRF Studio SWRC176 or
DN013 SWRA168 for recommended register values for a given output power.
The PATABLE can also be read by setting the R/W bit to 1. The read operation can be done as a single
byte or burst access, depending on how many bytes should be read (one or two). Note that pulling CSn
high will reset the index counter to zero, meaning that burst access needs to be used for reading/writing
the second PATABLE entry. For the same reason, if one byte is written to the PATABLE and this value is
to be read out, CSn must be set high before the read access in order to set the index counter back to
zero.
The content of the PATABLE is lost when entering the SLEEP state, except for the first byte, meaning that
if OOK is used, the PATABLE needs to be reprogrammed when waking up from SLEEP.
Figure 5-5. Register Access Types
20
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com