Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet(PDF) 21 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 17Page - Texas Instruments CC115LRGP Datasheet HTML 18Page - Texas Instruments CC115LRGP Datasheet HTML 19Page - Texas Instruments CC115LRGP Datasheet HTML 20Page - Texas Instruments CC115LRGP Datasheet HTML 21Page - Texas Instruments CC115LRGP Datasheet HTML 22Page - Texas Instruments CC115LRGP Datasheet HTML 23Page - Texas Instruments CC115LRGP Datasheet HTML 24Page - Texas Instruments CC115LRGP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5.6
Microcontroller Interface and Pin Configuration
In a typical system, CC115L will interface to a microcontroller. This microcontroller must be able to:
•
Program CC115L into different modes
•
Write buffered data
•
Read back status information through the 4-wire SPI-bus configuration interface (SI, SO, SCLK, and
CSn)
5.6.1
Configuration Interface
The microcontroller uses four I/O pins for the SPI configuration interface (SI, SO, SCLK, and CSn). The
SPI is described in Section 5.5.
5.6.2
General Control and Status Pins
The CC115L has two dedicated configurable pins (GDO0 and GDO2) and one shared pin (GDO1) that
can output internal status information useful for control software. These pins can be used to generate
interrupts on the MCU. See Section 5.16 for more details on the signals that can be programmed.
GDO1 is shared with the SO pin in the SPI interface. The default setting for GDO1/SO is 3-state output.
By selecting any other of the programming options, the GDO1/SO pin will become a generic pin. When
CSn is low, the pin will always function as a normal SO pin.
In the synchronous and asynchronous serial modes, the GDO0 pin is used as a serial TX data input pin
while in transmit mode.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com